Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF52231CAF60 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCF52231CAF60
Description  MCF52235 ColdFire Microcontroller Data Sheet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52231CAF60 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCF52231CAF60 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52231CAF60 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52231CAF60 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52231CAF60 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52231CAF60 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52231CAF60 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52231CAF60 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52231CAF60 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52231CAF60 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 9
Freescale Semiconductor
7
Four 32-bit DMA timers
— 17-ns resolution at 60 MHz
— Programmable sources for clock input, including an external clock option
— Programmable prescaler
— Input capture capability with programmable trigger edge on input pin
— Output compare with programmable mode for the output pin
— Free run and restart modes
— Maskable interrupts on input capture or output compare
— DMA trigger capability on input capture or output compare
Four-channel general purpose timers
— 16-bit architecture
— Programmable prescaler
— Output pulse widths variable from microseconds to seconds
— Single 16-bit input pulse accumulator
— Toggle-on-overflow feature for pulse-width modulator (PWM) generation
— One dual-mode pulse accumulation channel
Pulse-width modulation timer
— Operates as eight channels with 8-bit resolution or four channels with 16-bit resolution
— Programmable period and duty cycle
— Programmable enable/disable for each channel
— Software selectable polarity for each channel
— Period and duty cycle are double buffered. Change takes effect when the end of the current period is reached
(PWM counter reaches zero) or when the channel is disabled.
— Programmable center or left aligned outputs on individual channels
— Four clock sources (A, B, SA, and SB) provide for a wide range of frequencies
— Emergency shutdown
Real-Time Clock (RTC)
— Maintains system time-of-day clock
— Provides stopwatch and alarm interrupt functions
Two periodic interrupt timers (PITs)
— 16-bit counter
— Selectable as free running or count down
Software watchdog timer
— 32-bit counter
— Low power mode support
Clock Generation Features
— Up to 48 MHz crystal input
— On-chip PLL can generate core frequencies up to maximum 60 MHz operating frequency
— Provides clock for integrated EPHY
Dual Interrupt Controllers (INTC0/INTC1)
— Support for multiple interrupt sources organized as follows:
Fully-programmable interrupt sources for each peripheral
7 fixed-level interrupt sources
Seven external interrupt signals


Similar Part No. - MCF52231CAF60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF52231CAF60 NXP-MCF52231CAF60 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
More results

Similar Description - MCF52231CAF60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com