Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51JM128EVQH Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF51JM128EVQH
Description  MCF51JM128 ColdFire Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51JM128EVQH Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF51JM128EVQH Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51JM128EVQH Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51JM128EVQH Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51JM128EVQH Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51JM128EVQH Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51JM128EVQH Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51JM128EVQH Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51JM128EVQH Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51JM128EVQH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
MCF51JM128 Family Configurations
MCF51JM128 ColdFire Microcontroller, Rev. 3
Freescale Semiconductor
3
1
MCF51JM128 Family Configurations
1.1
Device Comparison
The MCF51JM128 series consists of the devices compared in Table 1.
Table 1. MCF51JM128 Series Device Comparison
Feature
MCF51JM128
MCF51JM64
MCF51JM32
80-pin
64-pin
44-pin
80-pin
64-pin
44-pin
80-pin
64-pin
44-pin
Flash memory size (Kbytes)
128
64
32
RAM size (Kbytes)
16
16
16
V1 ColdFire core with BDM (background
debug module)
Yes
ACMP (analog comparator)
Yes
ADC channels (12-bit)
12
8
12
8
12
8
CAN (controller area network)
Yes
Yes
No
Yes
Yes
No
Yes
Yes
No
RNGA + CAU
Yes1
1 Only existed on special part number
CMT (carrier modulator timer)
Yes
COP (computer operating properly)
Yes
IIC1 (inter-integrated circuit)
Yes
IIC2
Yes
No
Yes
No
Yes
No
IRQ (interrupt request input)
Yes
KBI (keyboard interrupts)
8
8
6
8
8688
6
LVD (low-voltage detector)
Yes
MCG (multipurpose clock generator)
Yes
Port I/O2
66
51
33
66
51
33
66
51
33
RGPIO (rapid general-purpose I/O)
16
6
0
16
6
0
16
6
0
RTC (real-time counter)
Yes
SCI1 (serial communications interface)
Yes
SCI2
Yes
SPI1 (serial peripheral interface)
Yes
SPI2
Yes
TPM1 (timer/pulse-width modulator)
channels
6
646
6466
4
TPM2 channels
2
USBOTG (USB On-The-Go dual-role
controller)
Yes
XOSC (crystal oscillator)
Yes


Similar Part No. - MCF51JM128EVQH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JM128EVLK FREESCALE-MCF51JM128EVLK Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
More results

Similar Description - MCF51JM128EVQH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JM128 FREESCALE-MCF51JM128_08 Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com