Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51CN128CGT Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF51CN128CGT
Description  MCF51CN128 ColdFire Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51CN128CGT Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF51CN128CGT Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51CN128CGT Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51CN128CGT Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51CN128CGT Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51CN128CGT Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51CN128CGT Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51CN128CGT Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51CN128CGT Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51CN128CGT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MCF51CN128
Rev. 4, 5/2009
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
MCF51CN128
80 LQFP
14 mm
× 14 mm
64 LQFP
10 mm
× 10 mm
48 QFN
7mm
× 7mm
The MCF51CN128 device is a low-cost, low-power,
high-performance 32-bit ColdFire V1 microcontroller (MCU)
featuring 10/100 BASE-T/TX fast ethernet controller (FEC),
media independent interface (MII) to connect an external
physical transceiver (PHY), and multi-function external bus
interface.
MCF51CN128 also has multiple communication interfaces
for various ethernet gateway applications. MCF51CN128 is
the first ColdFire V1 device to incorporate ethernet and
external bus interface along with new features to minimize
power consumption and increase functionality in low-power
modes.
The MCF51CN128 features the following functional units:
• 32-bit ColdFire V1 Central Processing Unit (CPU)
– Up to 50.33 MHz ColdFire CPU from 3.6 V to 3.0 V, up
to 40 MHz CPU from 3.0 V to 2.1 V, and up to 20 MHz
CPU from 2.1 V to 1.8 V across temperature range of
–40 °C to 85 °C
– Provides 0.94 Dhrystone 2.1 MIPS per MHz
performance when running from internal RAM
(0.76 DMIPS/MHz from flash)
– ColdFire Instruction Set Revision C (ISA_C)
– Support for up to 45 peripheral interrupt requests and 7
software interrupts
•On-Chip Memory
– 128 KB Flash, 24 KB RAM
– Flash read/program/erase over full operating voltage
and temperature
– On-chip memory aliased to create a contiguous memory
space with off-chip memory
– Security circuitry to prevent unauthorized access to
Peripherals, RAM, and flash contents
• Ethernet
– FEC—10/100 BASE-T/TX, bus-mastering fast ethernet
controller with direct memory access (DMA); supports
half or full duplex; operation is limited to 3.0 V to 3.6 V
– MII—media independent interface to connect ethernet
controller to external PHY; includes output clock for
external PHY
• External Bus
– Mini-FlexBus—Multi-function external bus interface;
supports up to 1 MB memories, gate-array logic, simple
slave device or glueless interfaces to standard
chip-selected asynchronous memories
– Programmable options: access time per chip select, burst
and burst-inhibited transfers per chip select, transfer
direction, and address setup and hold times
• Power-Saving Modes
– Two low-power stop modes, one of which allows limited
use of some peripherals (ADC, KBI, RTC)
– Reduced-power wait mode shuts off CPU and allows
full use of all peripherals; FEC can remain active and
conduct DMA transfers to RAM and assert an interrupt
to wake up the CPU upon completion
– Low-power run and wait modes allow peripherals to run
while the voltage regulator is in standby
– Peripheral clock enable register can disable clocks to
unused modules, thereby reducing currents
– Low-power external oscillator that can be used in stop3
mode to provide accurate clock source to active
peripherals
– Low-power real-time counter for use in run, wait, and
stop modes with internal and external clock sources
–6
μs typical wake-up time from stop3 mode
– Pins and clocks to peripherals not available in smaller
packages are automatically disabled for reduced current
consumption; no user interaction is needed
• Clock Source Options
– Oscillator (XOSC) — Loop-control pierce oscillator;
crystal or ceramic resonator range of 31.25 kHz to
38.4 kHz or 1 MHz to 25 MHz
– Multi-Purpose Clock Generator (MCG) — Flexible
clock source module with either frequency-locked-loop
(FLL) or phase-lock loop (PLL) clock options. FLL can
be controlled by internal or external reference and
MCF51CN128 ColdFire
Microcontroller
Cover: MCF51CN128


Similar Part No. - MCF51CN128CGT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF51CN128 NXP-MCF51CN128 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MCF51CN128CGT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com