Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51CN128CLH Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF51CN128CLH
Description  MCF51CN128 ColdFire Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51CN128CLH Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF51CN128CLH Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51CN128CLH Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51CN128CLH Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51CN128CLH Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51CN128CLH Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51CN128CLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51CN128CLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51CN128CLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51CN128CLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MCF51CN128 ColdFire Microcontroller Data Sheet, Rev. 4
MCF51CN128 Series Comparison
Freescale Semiconductor
4
1
MCF51CN128 Series Comparison
1.1
Device Comparison
The following table compares the various device derivatives available within the MCF51CN128 series.
Table 1. MCF51CN128 Series Device Comparison
Feature
MCF51CN128
80-pin
64-pin
48-pin
Flash memory size (KB)
128
RAM size (KB)
24
V1 ColdFire core equiped with BDM (background debug
module) and 2X3 Crossbar switch
Yes
ADC (analog-to-digital converter) channels (12-bit)
12
FEC (Fast Ethernet Controller with MII Interface)
Yes
COP (computer operating properly)
Yes
IIC1 (inter-integrated circuit)
Yes
IIC2
Yes
IRQ (interrupt request input)
Yes
KBI (keyboard interrupts)
16
12
6
LVD (low-voltage detector)
Yes
MCG (multipurpose clock generator)
Yes
Port I/O1
1 All GPIO are muxed with other functions
70
54
38
RGPIO (rapid general-purpose I/O)
16
16
8
RTC (real-time counter)
Yes
SCI1, SCI2 & SCI3 (serial communications interface)
Yes
SPI1 & SPI2 (serial peripheral interface)
Yes
TPM1 (Timer/PWM Module) channels
3
3
3
TPM2 channels
3
3
3
MTIM1 & MTIM2
Yes2
2 TMRCLK2 is not available on the 48 pin package, although MTIM2 can be used as an
internal timebase using on-chip clock sources.
External Timer Clocks
2
1
1
Mini-FlexBus
Yes
0
0
XOSC (crystal oscillator)
Yes


Similar Part No. - MCF51CN128CLH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF51CN128 NXP-MCF51CN128 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MCF51CN128CLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com