Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51CN128 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF51CN128
Description  MCF51CN128 ColdFire Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51CN128 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF51CN128 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51CN128 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51CN128 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51CN128 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51CN128 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51CN128 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51CN128 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF51CN128 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF51CN128 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Electrical Characteristics
MCF51CN128 ColdFire Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
11
3
Electrical Characteristics
3.1
Introduction
This section contains electrical and timing specifications for the MCF51CN128 series of microcontrollers available at the time
of publication.
60
PTG7
KBI1P7
FB_D1
61
49
37
VDD4
62
50
38
VSS4
63
51
39
PTD4/RGPIO4
EXTAL
RGPIO_ENB selects
between standard GPIO
and RGPIO
64
52
40
PTD5/RGPIO5
XTAL
65
53
41
BKGD/MS
PTD6/RGPIO6
This pin has an internal
pullup. PTD6/RGPIO6
can only be
programmed as an
output.1
66
54
42
PTD7RGPIO7
SPSCK2
ADP3
RGPIO_ENB selects
between standard GPIO
and RGPIO
67
55
43
PTE0
KBI2P0
MISO2
ADP2
68
56
44
PTE1
KBI2P1
MOSI2
ADP1
69
57
45
PTE2
KBI2P2
SS2
ADP0
70
58
46
PTE3
KBI2P3
TPM1CH0
71
59
47
PTE4
KBI2P4
CLKOUT
TPM1CH1
72
60
48
PTE5
KBI2P5
IRQ
TPM1CH2
73
61
PTE6
KBI2P6
FB_D0
TXD3
74
62
PTE7
KBI2P7
FB_CS0
RXD3
75
63
PTJ0
FB_ALE
FB_CS1
——
76
64
PTJ1
FB_A4/FB_AD4
77
PTJ2
FB_A3/FB_AD3
78
PTJ3
FB_A2/FB_AD2
79
PTJ4
FB_A1/FB_AD1
80
PTJ5
FB_A0/FB_AD0
1 RGPIO_ENB selects between standard GPIO and RGPIO. When PTD6 is set as RGPIO output, and "1" is driven to PTD6 via
RGPIO function, a read of register RGPIODATA6 always returns a "0" because V1 RGPIO design looks for IO enable when the
return value of RGPIO function reads data. As PTD6 is set to RGPIO output only, it returns "0" always to RGPIODATA6, athough
PTD6 pin is driven to high.
Table 2. Package Pin Assignments (continued)
80-Pin
64-Pin
48-Pin
Default Function
Alt 1
Alt 2
Alt 3
Comment


Similar Part No. - MCF51CN128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF51CN128 NXP-MCF51CN128 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MCF51CN128 NXP-MCF51CN128 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MCF51CN128

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com