Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC144111 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC144111
Description  Digital-to-Analog Converters with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC144111 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC144111 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC144111 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC144111 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC144111 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC144111 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC144111 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC144111 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC144111 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC144111 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC144110 Technical Data, Rev. 2
10
Freescale Semiconductor
Packaging
5
Packaging
Figure 7. Outline Dimensions for P SUFFIX, PLASTIC DIP
(CASE 707-02, Issue C)
Figure 8. Outline Dimensions for DW SUFFIX, SOG
(CASE 751D-06, Issue H)
1
SEATING
PLANE
10
9
18
M
A
B
K
C
N
F
G
D
H
J
L
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
22.22
23.24
0.875
0.915
B
6.10
6.60
0.240
0.260
C
3.56
4.57
0.140
0.180
D
0.36
0.56
0.014
0.022
F
1.27
1.78
0.050
0.070
G
2.54 BSC
0.100 BSC
H
1.02
1.52
0.040
0.060
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
15˚
15˚
N
0.51
1.02
0.020
0.040
NOTES:
1.
2.
3.
4.
POSITIONAL TOLERANCE OF LEADS (D).
SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM
MATERIAL CONDITION, IN RELATION TO
SEATING PLANE AND EACH OTHER.
DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
CONTROLLING DIMENSION: INCH.
20
11
10
1
PIN
NUMBER
PIN 1 INDEX
10X
7.6
7.4
12.95
12.65
0.25
0.10
2.65
2.35
10.55
10.05
5
4
6
B
T
A
M
0.25
B
20X
SEATING PLANE
0.1 T
M
0.25
T A B
20X
18X
0.49
0.35
1.27
0.75
0.25
AA
0.32
0.23
1.0
0.4
X45˚
NOTES:
1.
2.
3.
4.
5.
6.
DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
DATUMS A AND B TO BE DETERMINED AT THE
PLANE WHERE THE BOTTOM OF THE LEADS
EXIT THE PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURRS. MOLD
FLASH, PROTRUSION OR GATE BURRS SHALL
NOT EXCEED 0.15mm PER SIDE. THIS DIMENSION
IS DETERMINED AT THE PLANE WHERE THE
BOTTOM OF THE LEADS EXIT THE PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE INTER-LEAD
FLASH OR PROTRUSIONS. INTER-LEAD FLASH
AND PROTRUSIONS SHALL NOT EXCEED 0.25mm
PER SIDE. THIS DIMENSION IS DETERMINED AT
THE PLANE WHERE THE BOTTOM OF THE LEADS
EXIT THE PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE WIDTH TO EXCEED 0.62mm.
SECTION A-A


Similar Part No. - MC144111

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC144111DW LANSDALE-MC144111DW Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
MC144111DW LANSDALE-MC144111DW Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
MC144111P LANSDALE-MC144111P Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
MC144111P LANSDALE-MC144111P Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Similar Description - MC144111

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com