Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33129D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC33129D
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33129D Datasheet(HTML) 2 Page - Motorola, Inc

  MC33129D Datasheet HTML 1Page - Motorola, Inc MC33129D Datasheet HTML 2Page - Motorola, Inc MC33129D Datasheet HTML 3Page - Motorola, Inc MC33129D Datasheet HTML 4Page - Motorola, Inc MC33129D Datasheet HTML 5Page - Motorola, Inc MC33129D Datasheet HTML 6Page - Motorola, Inc MC33129D Datasheet HTML 7Page - Motorola, Inc MC33129D Datasheet HTML 8Page - Motorola, Inc MC33129D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC34129 MC33129
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
VCC Zener Current
IZ(VCC)
50
mA
Start/Run Output Zener Current
IZ(Start/Run)
50
mA
Analog Inputs (Pins 3, 5, 9, 10, 11, 12)
–0.3 to 5.5
V
Sync Input Voltage
Vsync
–0.3 to VCC
V
Drive Output Current, Source or Sink
IDRV
1.0
A
Current, Reference Outputs (Pins 6, 8)
Iref
20
mA
Power Dissipation and Thermal Characteristics
D Suffix, Plastic Package Case 751A
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction–to–Air
P Suffix, Plastic Package Case 646
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction–to–Air
PD
R
θJA
PD
R
θJA
552
145
800
100
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
MC34129
MC33129
TA
0 to +70
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (VCC = 10 V, TA = 25°C [Note 1], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
REFERENCE SECTIONS
Reference Output Voltage, TA = 25°C
1.25 V Ref., IL = 0 mA
2.50 V Ref., IL = 1.0 mA
Vref
1.225
2.375
1.250
2.500
1.275
2.625
V
Reference Output Voltage, TA = Tlow to Thigh
1.25 V Ref., IL = 0 mA
2.50 V Ref., IL = 1.0 mA
Vref
1.200
2.250
1.300
2.750
V
Line Regulation (VCC = 4.0 V to 12 V)
1.25 V Ref., IL = 0 mA
2.50 V Ref., IL = 1.0 mA
Regline
2.0
10
12
50
mV
Load Regulation
1.25 V Ref., IL = –10 µA to +500 µA
2.50 V Ref., IL = –0.1 mA to +1.0 mA
Regload
1.0
3.0
12
25
mV
ERROR AMPLIFIER
Input Offset Voltage (Vin = 1.25 V)
TA = 25°C
TA = Tlow to Thigh
VIO
1.5
10
mV
Input Offset Current (Vin = 1.25 V)
IIO
10
nA
Input Bias Current (Vin = 1.25 V)
TA = 25°C
TA = Tlow to Thigh
IIB
25
200
nA
Input Common Mode Voltage Range
VICR
0.5 to 5.5
V
Open Loop Voltage Gain (VO = 1.25 V)
AVOL
65
87
dB
Gain Bandwidth Product (VO = 1.25 V, f = 100 kHz)
GBW
500
750
kHz
Power Supply Rejection Ratio (VCC = 5.0 V to 10 V)
PSRR
65
85
dB
Output Source Current (VO = 1.5 V)
ISource
40
80
µA
Output Voltage Swing
High State (ISource = 0 µA)
Low State (ISink = 500 µA)
VOH
VOL
1.75
1.96
0.1
2.25
0.15
V
NOTE:
1. Tlow =0°C for MC34129
Thigh = +70°C for MC34129
–40
°C for MC33129
+85
°C for MC33129
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33129D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33120/21 NXP-MC33120/21 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC33121 MOTOROLA-MC33121 Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33121FN MOTOROLA-MC33121FN Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33121P MOTOROLA-MC33121P Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
   POWER MANAGEMENT CONTROLLER
More results

Similar Description - MC33129D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com