Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33493A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC33493A
Description  PLL Tuned UHF Transmitter for Data Transfer Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33493A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC33493A Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PLL Tuned UHF Transmitter for Data Transfer Applications, Rev. 2
Freescale Semiconductor
2
Table of Contents
1
Transmitter Functional Description . . . . . . . . . . . . . . . . . . . . . .4
2
Phase Locked Loop and Local Oscillator . . . . . . . . . . . . . . . . .4
3
RF Output Stage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
4
Modulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
5
Microcontroller Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
6
State Machine. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
7
Power Management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
8
Data Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
9
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
10 Radio Frequency (RF) Output Spectrum . . . . . . . . . . . . . . . .11
11 Output Power Measurement . . . . . . . . . . . . . . . . . . . . . . . . . .14
12 Complete Application Schematic and
PCB for OOK Modulation . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
13 Complete Application Schematic and
PCB for FSK Modulation. . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
14 Recommendations for FSK Modulation . . . . . . . . . . . . . . . . .19
15 Case Outline Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
List of Figures
Figure 1. Simplified Block Diagram . . . . . . . . . . . . . . . . . . . . . . . 3
Figure 2. Crystal Pulling Configurations. . . . . . . . . . . . . . . . . . . . 5
Figure 3. State machine . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4. Signals Waveform and Timing Definition . . . . . . . . . . . 7
Figure 5. RF Spectrum at 434 MHz Frequency Band
Displayed with a 5 MHz Span . . . . . . . . . . . . . . . . . . . 11
Figure 6. RF Spectrum at 434 MHz Frequency Band
Displayed with a 50 MHz Span . . . . . . . . . . . . . . . . . . 11
Figure 7. RF Spectrum at 434 MHz Frequency Band
Displayed with a 1.5 GHz Span . . . . . . . . . . . . . . . . . 12
Figure 8. RF Spectrum at 434 MHz Band
for a 70 kHz FSK Deviation at 4.8 kbit/s . . . . . . . . . . . 12
Figure 9. Output Power Measurement Configurations . . . . . . . . 13
Figure 10.Output Model and Matching Network
for 434 MHz Band . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.Output Power at 434 MHz Band vs Rext Value . . . . . 14
Figure 12.Application Schematic for OOK Modulation,
434 MHz Frequency Band . . . . . . . . . . . . . . . . . . . . . . 15
Figure 13.Two-Button Keyfob Board Layout . . . . . . . . . . . . . . . . 16
Figure 14.Application Schematic for FSK Modulation,
Serial Configuration, 434 MHz Frequency Band . . . . . 17
Figure 15.Application PCB Layout for FSK Modulation,
Serial Configuration, 434 MHz Frequency Band . . . . . 18
Figure 16.Crystal Load Capacitance Contributors Schematic . . 19
Figure 17.Case Outline Dimensions . . . . . . . . . . . . . . . . . . . . . 20
List of Tables
Table 1. Pin Function Description . . . . . . . . . . . . . . . . . . . . . . . . 3
Table 2. Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . 3
Table 3. Band Selection and Associated Divider Ratios . . . . . . . 4
Table 4. DATACLK Frequency vs Crystal Oscillator Frequency. . 5
Table 5. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 6. External Components Description for OOK. . . . . . . . . 15
Table 7. Typical Crystal Characteristics (SMD Package) . . . . . 16
Table 8. External Components Description for FSK . . . . . . . . . 17
Table 9. Crystal Pulling Capacitor Values vs
Carrier Frequency Total Deviation -1- . . . . . . . . . . . . . 18
Table 10.Crystal Pulling Capacitor Values vs
Carrier Frequency Total Deviation -2- . . . . . . . . . . . . . 18
Table 11.Pads and Tracks Parasitic Values . . . . . . . . . . . . . . . . 19


Similar Part No. - MC33493A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
MC33493ADTB NXP-MC33493ADTB Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
More results

Similar Description - MC33493A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493DTBR2 FREESCALE-MC33493DTBR2 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
Motorola, Inc
MC33493 MOTOROLA-MC33493 Datasheet
595Kb / 20P
   PLL tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com