Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33219AP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC33219AP
Description  Voice Switched Speakerphone
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33219AP Datasheet(HTML) 2 Page - Motorola, Inc

  MC33219AP Datasheet HTML 1Page - Motorola, Inc MC33219AP Datasheet HTML 2Page - Motorola, Inc MC33219AP Datasheet HTML 3Page - Motorola, Inc MC33219AP Datasheet HTML 4Page - Motorola, Inc MC33219AP Datasheet HTML 5Page - Motorola, Inc MC33219AP Datasheet HTML 6Page - Motorola, Inc MC33219AP Datasheet HTML 7Page - Motorola, Inc MC33219AP Datasheet HTML 8Page - Motorola, Inc MC33219AP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MC33219A
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Supply Voltage
VCC
– 0.5
7.0
Vdc
Any Input
Vin
– 0.4
VCC + 0.4
Vdc
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
– 65
+150
°C
NOTE: Devices should not be operated at or outside these values. The “Recommended Operating
Conditions” provide for actual device operation.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage (Non–AGC Range)
VCC
3.5
6.5
Vdc
(AGC Range)
2.7
3.5
Maximum Attenuator Input Signal
Vin(max)
300
mVrms
Volume Control Input (Pin 19)
VINVLC
VB – 1.1
VB
Vdc
Logic Input Voltage (Pins 8, 18)
VINL
Vdc
Low
0
0.8
High
2.0
VCC
Operating Temperature Range
TA
– 40
85
°C
VB Output Current (VCC = 5.0 V)
IVB
See
Figure 12
mA
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 5.0 V, CD ≤ 0.8 V, unless noted. See Figure 2.)
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY
Supply Current (Enabled, CD
≤ 0.8, VB Open)
ICCE
mA
Idle Mode
2.0
3.2
5.0
Tx Mode
4.2
Rx Mode
4.0
Supply Current (Disabled, CD = 2.0 V, VB Open)
ICCD
µA
VCC = 3.0 V
65
VCC = 5.0 V
50
110
170
VCC = 6.5 V
145
VB Output Voltage (IVB = 0, CD = 0)
VB
Vdc
VCC = 2.7 V
0.9
VCC = 5.0 V
2.1
2.2
2.3
VCC = 6.5 V
3.0
VB Output Resistance (IVB ≤ –1.0 mA)
ROVB
600
PSRR @ VB versus VCC, f = 1.0 kHz, CVB = 100 µF
PSRR
57
dB
ATTENUATOR CONTROL
CT Voltage (with Respect to VB)
VCT – VB
mV
Rx Mode (VLC = VB)
150
Idle Mode
0
Tx Mode
– 100
CT Source Current (Switching to Rx Mode)
ICTR
–110
–90
–70
µA
CT Sink Current (Switching to Tx Mode)
ICTT
35
50
65
µA
CT Idle Current
ICTI
– 3.0
0
3.0
µA
Dial Tone Detector Threshold (with Respect to VB at RAI)
VDT
– 40
– 20
– 8.0
mV
VLC Input Current @
IVLC
µA
VLC = VB
0
VLC = VB – 1.0 V
–8.0
–6.0
–3.0
VLC Input Resistance
RVLC
167
k
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33219AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
MC33215B MOTOROLA-MC33215B Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
MC33215FB MOTOROLA-MC33215FB Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results

Similar Description - MC33219AP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com