Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33219A Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33219A
Description  Voice Switched Speakerphone
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33219A Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33219A Datasheet HTML 5Page - Motorola, Inc MC33219A Datasheet HTML 6Page - Motorola, Inc MC33219A Datasheet HTML 7Page - Motorola, Inc MC33219A Datasheet HTML 8Page - Motorola, Inc MC33219A Datasheet HTML 9Page - Motorola, Inc MC33219A Datasheet HTML 10Page - Motorola, Inc MC33219A Datasheet HTML 11Page - Motorola, Inc MC33219A Datasheet HTML 12Page - Motorola, Inc MC33219A Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MC33219A
9
MOTOROLA ANALOG IC DEVICE DATA
INPUT VOLTAGE (V)
120
0
60
Figure 9. CD Input Characteristics (Pin 8)
INPUT VOLTAGE (V)
Figure 10. Mute Input Characteristics (Pin 18)
40
20
0
80
40
0
1.0
2.0
3.0
4.0
5.0
6.0
0
1.0
2.0
3.0
5.0
7.0
4.0
Valid for Vin ≤ VCC
7.0
6.0
Valid for Vin ≤ VCC
0
4.0
0
6.0
IB, OUTPUT CURRENT (mA)
VCC (V)
Figure 11. Power Supply Current
Figure 12. VB Output Characteristics
3.0
2.0
1.0
5.0
3.0
2.0
0
– 0.5
–1.0
–1.5
1.0
2.0
3.0
4.0
5.0
6.5
1.0
0
4.0
VCC = 5.0 V
VCC = 6.5 V
VCC = 3.0 V
CD
≤ 0.8 V
Idle Mode
CD
≥ 2.0 V
145
µA
–2.0
VCC = 4.0 V
2.5
6.0
200
100
VCC (V)
f, FREQUENCY (Hz)
Figure 13. VB Power Supply Rejection versus
Frequency and VB Capacitor
Figure 14. Receive Amp and
Microphone Amp Output Swing
80
60
20
0
4.0
2.0
0
1.0 k
10 k
20 k
3.5
4.5
5.5
6.5
40
CVB = 1000 µF
CVB = 33 µF
CVB = 100 µF
THD
≤ 1.0%
THD = 5.0 %
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33219A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
MC33215B MOTOROLA-MC33215B Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
MC33215FB MOTOROLA-MC33215FB Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results

Similar Description - MC33219A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com