Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33215B Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC33215B
Description  Telephone Line Interface and Speakerphone Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33215B Datasheet(HTML) 4 Page - Motorola, Inc

  MC33215B Datasheet HTML 1Page - Motorola, Inc MC33215B Datasheet HTML 2Page - Motorola, Inc MC33215B Datasheet HTML 3Page - Motorola, Inc MC33215B Datasheet HTML 4Page - Motorola, Inc MC33215B Datasheet HTML 5Page - Motorola, Inc MC33215B Datasheet HTML 6Page - Motorola, Inc MC33215B Datasheet HTML 7Page - Motorola, Inc MC33215B Datasheet HTML 8Page - Motorola, Inc MC33215B Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC33215
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (All parameters are specified at T = 25
°C, Iline = 18 mA, VLS = 2.9 V, f = 1000 Hz,
PRS = high, MUT = high, SPS = low, LSM = high, test figure in Figure 17 with S1 in position 1, unless otherwise stated.)
Characteristic
Unit
Max
Typ
Min
LOGIC INPUTS
Logic Low Level Pins PRS, MUT, SPS, LSM
0.4
V
Logic High Level Pins PRS, MUT, SPS, LSM
2.0
5.0
V
Internal Pull Up Pins PRS, MUT, LSM
100
k
Internal Pull Down Pin SPS
100
k
Tx CHANNEL, HANDSET MICROPHONE AMPLIFIER
Voltage Gain from VHM to Vline
46
47
48
dB
VHM = 1.5 mVrms
Gain Reduction in Mute Condition
60
dB
MUT = Low or PRS = Low or SPS = High
Input Impedance at HM1 and HM2
14
18
22
k
Common Mode Rejection Ratio
50
dB
Total Harmonic Distortion at VLN
2.0
%
VHM = 4.5 mVrms
Psophometrically Weighted Noise Level at Vline
–72
dBmp
HM1 and HM2 Shorted with 200
Tx CHANNEL, BASE MICROPHONE AMPLIFIER (SPS = HIGH, Tx MODE FORCED)
Voltage Gain from VBM to Vline
53
55.5
58
dB
VBM = 0.5 mVrms
Input Impedance at BM1 and BM2
14
18
22
k
Common Mode Rejection Ratio
50
dB
Total Harmonic Distortion at VLN
2.0
%
VBM = 1.5 mV
Psophometrically Weighted Noise Level at Vline
–62
dBmp
BM1 and BM2 Shorted with 200
Gain Reduction in Mute Condition
60
dB
MUT = Low or PRS = Low or SPS = Low
Tx CHANNEL, DTMF AMPLIFIER (MUT = LOW OR PRS = LOW)
Voltage Gain from VMF to Vline
34
35
36
dB
VMF = 7.5 mVrms
Input Impedance at MFI
14
18
22
k
Gain Reduction in Mute Condition
60
dB
MUT = High or PRS = Low
Rx CHANNEL, EARPIECE AMPLIFIER
Voltage Gain from VRXI to VEAR (Note 1)
23
24
25
dB
Vline = 20 mVrms
Gain Reduction in Mute Condition
60
dB
MUT = Low or SPS = Low
Input Impedance at RXI
24
30
36
k
Psophometrically Weighted Noise Level at VEAR
130
µVrms
RXI Shorted to Gnd via 10
µF
Confidence Level During DTMF Dialing
10
15
20
mVrms
VMF = 7.5 mVrms, MUT = Low
Output Swing Capability into 150
680
mVpp
THD
≤2%
Output Swing Capability into 450
1800
mVpp
THD
≤2%, RRXO = 360 kΩ
NOTE:
1. Corresponding to –0.6 dB gain from the line to output RXO in the typical application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33215B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
More results

Similar Description - MC33215B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
ELAN Microelectronics C...
EM91886 EMC-EM91886 Datasheet
894Kb / 46P
   CMOS SINGLE SHIP TELEPHONE WITH LOCK, SPEAKERPHONE, HOLD MELODY AND LCD INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com