Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6522-70R3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF6522-70R3
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6522-70R3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF6522-70R3_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6522-70R3_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6522-70R3_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6522-70R3_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6522-70R3_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6522-70R3_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6522-70R3_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6522-70R3_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6522-70R3_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
RF Device Data
Freescale Semiconductor
MRF6522--70R3
TYPICAL CHARACTERISTICS
Pout, OUTPUT POWER (WATTS)
Pout, OUTPUT POWER (WATTS)
17.5
15.0
Figure 3. Power Gain versus Output Power
10
15.5
16.0
Figure 4. Power Gain versus Output Power
100
10
18.0
17.6
16.2
16.6
17.4
16.0
16.5
17.0
100
VDS = 26 Vdc
f = 921 MHz
Figure 5. Output Power versus Supply Voltage
Figure 6. Output Power versus Supply Voltage
Figure 7. Efficiency and Output Power
versus Input Power
200 mA
300 mA
400 mA
500 mA
IDQ = 600 mA
16.4
16.8
17.2
17.0
17.8
VDS = 26 Vdc
f = 960 MHz
200 mA
300 mA
400 mA
500 mA
IDQ = 600 mA
VDD, SUPPLY VOLTAGE (VOLTS)
115
45
18
55
75
85
105
28
20
22
24
26
65
95
IDQ = 400 mA
f = 921 MHz
Pin = 5.0 W
3.0 W
4.0 W
2.0 W
VDD, SUPPLY VOLTAGE (VOLTS)
105
18
55
75
85
95
28
20
22
24
26
45
65
IDQ = 400 mA
f = 960 MHz
Pin = 5.0 W
3.0 W
4.0 W
2.0 W
35
η
Pin, INPUT POWER (WATTS)
80
0
20
40
50
70
2.0
0.5
1.0
1.5
10
30
60
VDS = 26 Vdc
IDQ = 400 mA
f = 921 MHz
0
80
70
60
50
40
30
20
10
0
Pout
19
21
23
25
27
27
19
21
23
25


Similar Part No. - MRF6522-70R3_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6522-70R3 FREESCALE-MRF6522-70R3_06 Datasheet
332Kb / 12P
   RF Power Field Effect Transistor
More results

Similar Description - MRF6522-70R3_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com