Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9060LR1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF9060LR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9060LR1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF9060LR1_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9060LR1_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9060LR1_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9060LR1_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9060LR1_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9060LR1_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9060LR1_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9060LR1_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9060LR1_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
RF Device Data
Freescale Semiconductor
MRF9060LR1
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 200 μAdc)
VGS(th)
2
2.9
4
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 450 mAdc)
VGS(Q)
3.7
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 1.3 Adc)
VDS(on)
0.17
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 4 Adc)
gfs
5.3
S
Dynamic Characteristics
Input Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Ciss
98
pF
Output Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
50
pF
Reverse Transfer Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
2
pF
(continued)


Similar Part No. - MRF9060LR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LR1 FREESCALE-MRF9060LR1 Datasheet
237Kb / 12P
   RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
More results

Similar Description - MRF9060LR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com