Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34911BAC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC34911BAC
Description  LIN System Basis Chip with DC Motor Pre-driver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34911BAC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34911BAC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33911
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
MC33911G5AC/MC3433911G5AC
ESD Capability
AECQ100
Human Body Model - JESD22/A114 (CZAP = 100 pF, RZAP = 1500 Ω)
LIN Pin
L1 and L2
all other Pins
Charge Device Model - JESD22/C101 (CZAP = 4.0 pF)
Corner Pins (Pins 1, 8, 9, 16, 17, 24, 25 and 32)
All other Pins (Pins 2-7, 10-15, 18-23, 26-31)
According to LIN Conformance Test Specification / LIN EMC Test
Specification, August 2004 (CZAP = 150 pF, RZAP = 330 Ω)
Contact Discharge, Unpowered
LIN pin with 220 pF
LIN pin without capacitor
VS1/VS2 (100 nF to ground)
Lx inputs (33 k
Ω serial resistor)
According to IEC 61000-4-2 (CZAP = 150 pF, RZAP = 330 Ω)
Unpowered
LIN pin with 220 pF and without capacitor
VS1/VS2 (100 nF to ground)
Lx inputs (33 k
Ω serial resistor)
VESD1-1
VESD1-2
VESD1-3
VESD2-1
VESD2-2
VESD3-1
VESD3-2
VESD3-3
VESD3-4
VESD4-1
VESD4-2
VESD4-3
±8.0k
±6.0k
±2000
±750
±500
±20k
±11k
>±12k
±6000
±8000
±8000
±8000
V
THERMAL RATINGS
Operating Ambient Temperature (7)
33911
34911
TA
-40 to 125
-40 to 85
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance, Junction to Ambient
Natural Convection, Single Layer board (1s)(7), (8)
Natural Convection, Four Layer board (2s2p)(7), (9)
RθJA
85
56
°C/W
Thermal Resistance, Junction to Case(10)
RθJC
23
°C/W
Peak Package Reflow Temperature During Reflow(11), (12)
TPPRT
Note 12
°C
Notes
7.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
8.
Per JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
9.
Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
10.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
11.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
12.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and
enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 3. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit


Similar Part No. - MC34911BAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34911BAC FREESCALE-MC34911BAC Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
MC34911BACR2 FREESCALE-MC34911BACR2 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
More results

Similar Description - MC34911BAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33911 FREESCALE-33911 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
33912 FREESCALE-33912 Datasheet
870Kb / 47P
   LIN System Basis Chip with DC Motor Pre-driver and Current
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com