Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68C812A4 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC68C812A4
Description  Technical Supplement MC68C812A4 3.3V Electrical Characteristics
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68C812A4 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC68C812A4 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68C812A4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68C812A4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68C812A4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68C812A4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68C812A4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68C812A4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68C812A4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68C812A4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Order this document by
MC68HC812A4EC/D
7/28/98
Technical Supplement
MC68C812A4 3.3V Electrical Characteristics
The MC68C812A4 is the low-voltage version of the standard MC68HC812A4 microcontroller unit
(MCU), a 16-bit device composed of standard on-chip peripheral modules connected by an intermodule
bus. Modules include a 16-bit central processing unit (CPU12), a Lite integration module (LIM), two
asynchronous serial communications interfaces (SCI0 and SCI1), a serial peripheral interface (SPI), a
timer and pulse accumulation module, an 8-bit analog-to-digital converter (ATD), 1-Kbyte RAM, 4-Kbyte
EEPROM, and memory expansion logic with chip selects, key wakeup ports, and a phase-locked loop
(PLL).
This supplement contains the most accurate electrical information for the MC68C812A4 microcontroller
available at the time of publication. The information should be considered preliminary and is subject to
change. The following characteristics are contained in this document:
Table 1 Maximum Ratings
Table 2 Thermal Characteristics
Table 3 DC Electrical Characteristics
Table 4 Supply Current
Table 5 ATD Maximum Ratings
Table 6 ATD DC Electrical Characteristics
Table 7 Analog Converter Characteristics (Operating)
Table 8 ATD AC Characteristics (Operating)
Table 9 EEPROM Characteristics
Table 10 Control Timing
Table 11 Peripheral Port Timing
Table 12 Non-Multiplexed Expansion Bus Timing
Table 13 SPI Timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68C812A4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68C912B32CFU8 MOTOROLA-MC68C912B32CFU8 Datasheet
748Kb / 128P
   16-Bit Microcontroller
MC68C912B32FU8 MOTOROLA-MC68C912B32FU8 Datasheet
748Kb / 128P
   16-Bit Microcontroller
logo
Freescale Semiconductor...
MC68CK16Z1 FREESCALE-MC68CK16Z1 Datasheet
5Mb / 500P
   M68HC16Z Series
MC68CK16Z1 FREESCALE-MC68CK16Z1 Datasheet
5Mb / 500P
   M68HC16Z Series
MC68CK16Z1 FREESCALE-MC68CK16Z1 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
More results

Similar Description - MC68C812A4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68331 FREESCALE-MC68331 Datasheet
1Mb / 40P
   Technical Supplement
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com