Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33911 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC33911
Description  LIN System Basis Chip with DC Motor Pre-driver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33911 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33911_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33911_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33911_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33911_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33911_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33911_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33911_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33911_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33911_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33911
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33911G5AC/MC3433911G5AC
VOLTAGE REGULATOR(20) (VDD)
Normal Mode Output Voltage
1.0 mA < IVDD < 50 mA; 5.5 V < VSUP < 27 V
VDDRUN
4.75
5.00
5.25
V
Normal Mode Output Current Limitation
IVDDRUN
60
110
200
mA
Dropout Voltage(21)
IVDD = 50 mA
VDDDROP
0.1
0.25
V
Stop Mode Output Voltage
IVDD < 5.0 mA
VDDSTOP
4.75
5.0
5.25
V
Stop Mode Output Current Limitation
IVDDSTOP
6.0
13
36
mA
Line Regulation
Normal Mode, 5.5 V < VSUP < 18 V; IVDD = 10 mA
Stop Mode, 5.5 V < VSUP < 18 V; IVDD = 1.0 mA
LRRUN
LRSTOP
25
25
mV
Load Regulation
Normal Mode, 1.0 mA < IVDD < 50 mA
Stop Mode, 0.1 mA < IVDD < 5.0 mA
LDRUN
LDSTOP
80
50
mV
Over-temperature Prewarning (Junction)(22)
Interrupt generated, VDDOT Bit Set
TPRE
90
115
140
°C
Over-temperature Prewarning Hysteresis(22)
TPRE_HYS
13
°C
Over-temperature Shutdown Temperature (Junction)(22)
TSD
150
170
190
°C
Over-temperature Shutdown Hysteresis(22)
TSD_HYS
13
°C
RST INPUT/OUTPUT PIN (RST)
VDD Low Voltage Reset Threshold
VRSTTH
4.3
4.5
4.7
V
Low-state Output Voltage
IOUT = 1.5 mA; 3.5 V VSUP 27 V
VOL
0.0
0.9
V
High-state Output Current (0 V < VOUT < 3.5 V)
IOH
-150
-250
-350
µA
Pull-down Current Limitation (internally limited)
VOUT = VDD
IPD_MAX
1.5
8.0
mA
Low-state Input Voltage
VIL
-0.3
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
VDD +0.3
V
Notes
20.
Specification with external capacitor 2.0 µF < C < 100 µF and 100 m
Ω ≤ ESR ≤ 10 Ω.
21.
Measured when voltage has dropped 250 mV below its nominal Value (5.0 V).
22.
This parameter is guaranteed by process monitoring but not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33911 and -40°C ≤ TA ≤ 85°C for the
34911, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC33911_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33911BAC FREESCALE-MC33911BAC Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
MC33911BACR2 FREESCALE-MC33911BACR2 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
More results

Similar Description - MC33911_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33911 FREESCALE-33911 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
33912 FREESCALE-33912 Datasheet
870Kb / 47P
   LIN System Basis Chip with DC Motor Pre-driver and Current
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com