Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRTR5V0U4AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PRTR5V0U4AD
Description  Integrated quad ultra-low capacitance ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRTR5V0U4AD Datasheet(HTML) 3 Page - NXP Semiconductors

  PRTR5V0U4AD Datasheet HTML 1Page - NXP Semiconductors PRTR5V0U4AD Datasheet HTML 2Page - NXP Semiconductors PRTR5V0U4AD Datasheet HTML 3Page - NXP Semiconductors PRTR5V0U4AD Datasheet HTML 4Page - NXP Semiconductors PRTR5V0U4AD Datasheet HTML 5Page - NXP Semiconductors PRTR5V0U4AD Datasheet HTML 6Page - NXP Semiconductors PRTR5V0U4AD Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRTR5V0U4AD_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 17 December 2007
3 of 7
NXP Semiconductors
PRTR5V0U4AD
Integrated quad ultra-low capacitance ESD protection
6.
Characteristics
[1]
Measured from pins 1, 3, 4 and 6 to ground (GND).
[2]
Measured from pin 2 to ground (GND).
7.
Application information
The PRTR5V0U4AD is optimized to protect e.g. two USB 2.0 ports against ESD. Each
device is capable to protect both USB data lines and the VBUS supply.
A typical application is shown in Figure 1.
Table 5.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C(I/O-GND)
input/output to ground
capacitance
V(I/O-GND) = 0 V;
VCC = 3.0 V;
f=1MHz
[1] -
1.0
-
pF
ILR
reverse leakage current
V(I/O-GND) = 3.0 V
[1] -
-
100
nA
VBR
breakdown voltage
II = 1 mA
6
-
9
V
Csup
supply pin to ground
capacitance
V(I/O-GND) = 0 V;
VCC = 3.0 V;
f=1MHz
[2] -40
-
pF
VF
forward voltage
-
0.7
-
V
Fig 1.
Typical application of PRTR5V0U4AD
001aah446
1
USB 2.0
IEEE 1394
CONTROLLER
2
3
6
5
4
VBUS
VBUS
D+
D
GND
VBUS
D+
D
GND


Similar Part No. - PRTR5V0U4AD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRTR5V0U4AD NEXPERIA-PRTR5V0U4AD Datasheet
170Kb / 8P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01 - 17 December 2007
More results

Similar Description - PRTR5V0U4AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U4D NXP-PRTR5V0U4D Datasheet
54Kb / 7P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01-11 January 2008
PRTR5V0U4Y NXP-PRTR5V0U4Y Datasheet
72Kb / 10P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01-8 May 2008
logo
Unisonic Technologies
UPRTR5V0U4D UTC-UPRTR5V0U4D Datasheet
214Kb / 6P
   INTEGRATED QUAD ULTRA-LOW CAPACITANCE ESD PROTECTION
logo
Nexperia B.V. All right...
PRTR5V0U4AD NEXPERIA-PRTR5V0U4AD Datasheet
170Kb / 8P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01 - 17 December 2007
PRTR5V0U4Y NEXPERIA-PRTR5V0U4Y Datasheet
187Kb / 11P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01 - 8 May 2008
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com