Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK946 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK946 Datasheet HTML 1Page - NXP Semiconductors PCK946 Datasheet HTML 2Page - NXP Semiconductors PCK946 Datasheet HTML 3Page - NXP Semiconductors PCK946 Datasheet HTML 4Page - NXP Semiconductors PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
9397 750 12296
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 December 2005
2 of 13
Philips Semiconductors
PCK946
Low voltage 1 : 10 CMOS clock driver
3.
Ordering information
4.
Functional diagram
Table 1:
Ordering information
Type number
Package
Name
Description
Version
PCK946BD
LQFP32
plastic low profile quad flat package; 32 leads;
body 7
× 7 × 1.4 mm
SOT358-1
Fig 1.
Functional diagram of PCK946
002aaa676
÷ 1
QA[0:2]
(internal pull-up)
(internal pull-down)
(internal pull-down)
(internal pull-down)
(internal pull-up)
TCLK_SEL
TCLK0
TCLK1
DSELA
MR/OE
0
1
÷ 2
R
0
1
PCK946
QB[0:2]
(internal pull-down)
DSELB
0
1
QC[0:3]
(internal pull-down)
DSELC
0
1
3
3
4


Similar Part No. - PCK946

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
PCK940LBD PHILIPS-PCK940LBD Datasheet
87Kb / 16P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
PCK942C NXP-PCK942C Datasheet
69Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942CBD NXP-PCK942CBD Datasheet
69Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
More results

Similar Description - PCK946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
   LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
   3.3V 1:10 CMOS Clock Driver
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
logo
Texas Instruments
CDCLVD110 TI1-CDCLVD110_12 Datasheet
519Kb / 13P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
   Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com