Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN030-150B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN030-150B
Description  N-channel TrenchMOS SiliconMAX standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN030-150B Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN030-150B Datasheet HTML 1Page - NXP Semiconductors PSMN030-150B Datasheet HTML 2Page - NXP Semiconductors PSMN030-150B Datasheet HTML 3Page - NXP Semiconductors PSMN030-150B Datasheet HTML 4Page - NXP Semiconductors PSMN030-150B Datasheet HTML 5Page - NXP Semiconductors PSMN030-150B Datasheet HTML 6Page - NXP Semiconductors PSMN030-150B Datasheet HTML 7Page - NXP Semiconductors PSMN030-150B Datasheet HTML 8Page - NXP Semiconductors PSMN030-150B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PSMN030-150B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 December 2010
3 of 12
NXP Semiconductors
PSMN030-150B
N-channel TrenchMOS SiliconMAX standard level FET
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature
Tmb = 25 °C; IDM is single pulse
unclamped inductive load
Fig 3.
Safe operating area; continuous and peak drain
currents as a function of drain-source voltage
Fig 4.
Single-shot avalanche rating; avalanche
current as a function of avalanche period
40
60
20
80
100
Pder
(%)
0
Tmb (°C)
0
200
150
50
100
003aaf138
40
60
20
80
100
ID
(%)
0
Tmb (°C)
0
200
150
50
100
003aaf139
VDS (V)
1103
102
10
003aaf140
102
10
103
IDM
(A)
1
RDS(on) = VDS / ID
D.C.
100 ms
10 ms
1 ms
100
μs
tp = 10
μs
003aaf155
tAV (ms)
10−3
10
1
10−2
10−1
10
102
lAS
(A)
1
25
°C
Tj prior to avalanche = 150 °C


Similar Part No. - PSMN030-150B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN030-150B PHILIPS-PSMN030-150B Datasheet
103Kb / 9P
   N-channel TrenchMOS transistor
December 2000 Rev 1.000
logo
Nexperia B.V. All right...
PSMN030-150B NEXPERIA-PSMN030-150B Datasheet
831Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 13 December 2010
More results

Similar Description - PSMN030-150B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200B PHILIPS-PSMN057-200B_15 Datasheet
238Kb / 11P
   N-channel TrenchMOS SiliconMAX standard level FET
15 August 2013
PSMN035-150B NXP-PSMN035-150B Datasheet
222Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-17 November 2009
PSMN009-100P NXP-PSMN009-100P Datasheet
190Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-30 September 2009
PSMN008-75B NXP-PSMN008-75B Datasheet
220Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-11 December 2009
logo
Nexperia B.V. All right...
PSMN085-150K NEXPERIA-PSMN085-150K Datasheet
786Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 3 - 22 December 2011
PSMN025-100D NEXPERIA-PSMN025-100D Datasheet
799Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 12 January 2012
PHP165NQ08T NEXPERIA-PHP165NQ08T Datasheet
305Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 27 March 2009
logo
NXP Semiconductors
PSMN085-150K NXP-PSMN085-150K Datasheet
208Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-1 March 2010
PSMN165-200K NXP-PSMN165-200K Datasheet
387Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-3 December 2009
PSMN070-200B PHILIPS-PSMN070-200B_15 Datasheet
171Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-14 December 2010
logo
Nexperia B.V. All right...
PSMN009-100P NEXPERIA-PSMN009-100P Datasheet
776Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 27 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com