Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0V1BLD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0V1BLD
Description  Very low capacitance bidirectional ESD protection diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0V1BLD Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0V1BLD Datasheet HTML 1Page - NXP Semiconductors PESD5V0V1BLD Datasheet HTML 2Page - NXP Semiconductors PESD5V0V1BLD Datasheet HTML 3Page - NXP Semiconductors PESD5V0V1BLD Datasheet HTML 4Page - NXP Semiconductors PESD5V0V1BLD Datasheet HTML 5Page - NXP Semiconductors PESD5V0V1BLD Datasheet HTML 6Page - NXP Semiconductors PESD5V0V1BLD Datasheet HTML 7Page - NXP Semiconductors PESD5V0V1BLD Datasheet HTML 8Page - NXP Semiconductors PESD5V0V1BLD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PESD5V0V1BLD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 7 December 2010
5 of 14
NXP Semiconductors
PESD5V0V1BLD
Very low capacitance bidirectional ESD protection diode
Tamb =25 °C
Fig 4.
Peak pulse power as a function of exponential
pulse duration; typical values
Fig 5.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
f=1MHz; Tamb =25 °C
Fig 6.
Diode capacitance as a function of reverse
voltage; typical values
Fig 7.
Relative variation of reverse leakage current
as a function of junction temperature; typical
values
tp (μs)
1103
102
10
006aab606
102
10
103
PPP
(W)
1
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
VR (V)
05
4
23
1
006aab607
8
10
12
Cd
(pF)
6
006aab608
1
10−1
102
10
103
10−2
Tj (°C)
−100
150
100
050
−50
IRM
IRM(25°C)


Similar Part No. - PESD5V0V1BLD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V1BLD NEXPERIA-PESD5V0V1BLD Datasheet
260Kb / 12P
   Very low capacitance bidirectional ESD protection diode
1 April 2023
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
   Very low capacitance bidirectional ESD protection diode
31 May 2022
logo
NXP Semiconductors
PESD5V0V1BLD PHILIPS-PESD5V0V1BLD_15 Datasheet
173Kb / 14P
   Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
More results

Similar Description - PESD5V0V1BLD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
   Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD4V0X1BESF NEXPERIA-PESD4V0X1BESF Datasheet
206Kb / 10P
   Very low capacitance bidirectional ESD protection diode
2 March 2021
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
239Kb / 12P
   Very low capacitance bidirectional ESD protection diode
5 July 2018
PESD5V0V1BL-Q NEXPERIA-PESD5V0V1BL-Q Datasheet
252Kb / 12P
   Very low capacitance bidirectional ESD protection diode
30 September 2022
PESD5V0V1BLD NEXPERIA-PESD5V0V1BLD Datasheet
260Kb / 12P
   Very low capacitance bidirectional ESD protection diode
1 April 2023
logo
NXP Semiconductors
PESD5V0V1BDSF PHILIPS-PESD5V0V1BDSF_15 Datasheet
339Kb / 12P
   Very low capacitance bidirectional ESD protection diode
Rev. 1-17 April 2012
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
   Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
PESD5V0V1BLD PHILIPS-PESD5V0V1BLD_15 Datasheet
173Kb / 14P
   Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
logo
Nexperia B.V. All right...
PESD12VV1BLS NEXPERIA-PESD12VV1BLS Datasheet
222Kb / 11P
   Very low capacitance bidirectional ESD protection diode
6 January 2022
PESD5V0V1BB-Q NEXPERIA-PESD5V0V1BB-Q Datasheet
249Kb / 11P
   Very low capacitance bidirectional ESD protection diode
23 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com