Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB199 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BB199
Description  Variable capacitance diode for VCO and VCXO Small plastic SMD package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB199 Datasheet(HTML) 4 Page - NXP Semiconductors

  BB199 Datasheet HTML 1Page - NXP Semiconductors BB199 Datasheet HTML 2Page - NXP Semiconductors BB199 Datasheet HTML 3Page - NXP Semiconductors BB199 Datasheet HTML 4Page - NXP Semiconductors BB199 Datasheet HTML 5Page - NXP Semiconductors BB199 Datasheet HTML 6Page - NXP Semiconductors BB199 Datasheet HTML 7Page - NXP Semiconductors BB199 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BB199
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 1 December 2010
4 of 8
NXP Semiconductors
BB199
Variable capacitance diode for VCO and VCXO
f = 1 MHz.
(1) Tamb = 85 °C
(2) Tamb = 55 °C
(3) Tamb = 25 °C
(4) Tamb = −15 °C
(5) Tamb = −55 °C
f = 1 MHz.
Fig 4.
Diode capacitance ratio (Tamb to 25 °C) as
function of reverse voltage; typical values
Fig 5.
Capacitance temperature coefficient as
function of reverse voltage; typical values
001aan160
VR (V)
03
2
1
0.98
1.02
0.94
1.06
1.1
Cd(Tamb)/
Cd(25°C)
0.9
(1)
(2)
(3)
(4)
(5)
001aan161
VR (V)
03
2
1
103
104
ΔC/ΔTamb
(ppm/
°C)
102


Similar Part No. - BB199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB199 NXP-BB199 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BB199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB198 NXP-BB198 Datasheet
204Kb / 8P
   Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
logo
Hitachi Semiconductor
HVC365 HITACHI-HVC365 Datasheet
23Kb / 5P
   Variable Capacitance Diode for VCXO
HVU359 HITACHI-HVU359 Datasheet
25Kb / 5P
   Variable Capacitance Diode for VCXO
logo
Leshan Radio Company
HVC365 LRC-HVC365 Datasheet
33Kb / 2P
   Variable Capacitance Diode for VCXO
logo
Hitachi Semiconductor
HVD359 HITACHI-HVD359 Datasheet
34Kb / 5P
   Variable Capacitance Diode for VCXO
HVC359 HITACHI-HVC359 Datasheet
23Kb / 5P
   Variable Capacitance Diode for VCXO
logo
Leshan Radio Company
HVC359 LRC-HVC359 Datasheet
33Kb / 2P
   Variable Capacitance Diode for VCXO
logo
Zhaoxingwei Electronics...
HVD359 ZHAOXINGWEI-HVD359 Datasheet
44Kb / 1P
   Variable Capacitance Diode for VCXO
logo
Guangdong Kexin Industr...
HVD359 KEXIN-HVD359 Datasheet
33Kb / 1P
   Variable Capacitance Diode for VCXO
logo
Hitachi Semiconductor
HVC372B HITACHI-HVC372B Datasheet
24Kb / 5P
   Variable Capacitance Diode for VCO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com