Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC430F612X Datasheet(PDF) 10 Page - Texas Instruments

Part # CC430F612X
Description  MSP430 SoC with RF Core
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F612X Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC430F612X Datasheet HTML 6Page - Texas Instruments CC430F612X Datasheet HTML 7Page - Texas Instruments CC430F612X Datasheet HTML 8Page - Texas Instruments CC430F612X Datasheet HTML 9Page - Texas Instruments CC430F612X Datasheet HTML 10Page - Texas Instruments CC430F612X Datasheet HTML 11Page - Texas Instruments CC430F612X Datasheet HTML 12Page - Texas Instruments CC430F612X Datasheet HTML 13Page - Texas Instruments CC430F612X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
www.ti.com
CC430F613x and CC430F612x Terminal Functions
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
General-purpose digital I/O with port interrupt and map-able secondary function
P1.7/ PM_UCA0CLK/
1
I/O
Default mapping: USCI_A0 clock input/output / USCI_B0 SPI slave transmit enable
PM_UCB0STE/ R03
Input/output port of lowest analog LCD voltage (V5)
General-purpose digital I/O with port interrupt and map-able secondary function
P1.6/ PM_UCA0TXD/
Default mapping: USCI_A0 UART transmit data; USCI_A0 SPI slave in master out
2
I/O
PM_UCB0SIMO/ R13/ LCDREF
Input/output port of third most positive analog LCD voltage (V3 or V4)
External reference voltage input for regulated LCD voltage
General-purpose digital I/O with port interrupt and map-able secondary function
P1.5/ PM_UCA0RXD/
3
I/O
Default mapping: USCI_A0 UART receive data; USCI_A0 SPI slave out master in
PM_UCB0SOMI/ R23
Input/output port of second most positive analog LCD voltage (V2)
LCD capacitor connection
LCDCAP/ R33
4
I/O
Input/output port of most positive analog LCD voltage (V1)
CAUTION: Must be connected to VSS if not used.
COM0
5
O
LCD common output COM0 for LCD backplane
General-purpose digital I/O
P5.7/ COM1/ S26
6
I/O
LCD common output COM1 for LCD backplane
LCD segment output S26
General-purpose digital I/O
P5.6/ COM2/ S25
7
I/O
LCD common output COM2 for LCD backplane
LCD segment output S25
General-purpose digital I/O
P5.5/ COM3/ S24
8
I/O
LCD common output COM3 for LCD backplane
LCD segment output S24
General-purpose digital I/O
P5.4/ S23
9
I/O
LCD segment output S23
VCORE
10
Regulated core power supply
DVCC
11
Digital power supply
General-purpose digital I/O with port interrupt and map-able secondary function
P1.4/ PM_UCB0CLK/
12
I/O
Default mapping: USCI_B0 clock input/output / USCI_A0 SPI slave transmit enable
PM_UCA0STE/ S22
LCD segment output S22
General-purpose digital I/O with port interrupt and map-able secondary function
P1.3/ PM_UCB0SIMO/
13
I/O
Default mapping: USCI_B0 SPI slave in master out/USCI_B0 I2C data
PM_UCB0SDA/ S21
LCD segment output S21
General-purpose digital I/O with port interrupt and map-able secondary function
P1.2/ PM_UCB0SOMI/
14
I/O
Default mapping: USCI_B0 SPI slave out master in/UCSI_B0 I2C clock
PM_UCB0SCL/ S20
LCD segment output S20
General-purpose digital I/O with port interrupt and map-able secondary function
P1.1/ PM_RFGDO2/ S19
15
I/O
Default mapping: Radio GDO2 output
LCD segment output S19
General-purpose digital I/O with port interrupt and map-able secondary function
P1.0/ PM_RFGDO0/ S18
16
I/O
Default mapping: Radio GDO0 output
LCD segment output S18
General-purpose digital I/O with map-able secondary function
P3.7/ PM_SMCLK/ S17
17
I/O
Default mapping: SMCLK output
LCD segment output S17
General-purpose digital I/O with map-able secondary function
P3.6/ PM_RFGDO1/ S16
18
I/O
Default mapping: Radio GDO1 output
LCD segment output S16
General-purpose digital I/O with map-able secondary function
P3.5/ PM_TA0CCR4A/ S15
19
I/O
Default mapping: TA0 CCR4 compare output/capture input
LCD segment output S15
General-purpose digital I/O with map-able secondary function
P3.4/ PM_TA0CCR3A/ S14
20
I/O
Default mapping: TA0 CCR3 compare output/capture input
LCD segment output S14
General-purpose digital I/O with map-able secondary function
P3.3/ PM_TA0CCR2A/ S13
21
I/O
Default mapping: TA0 CCR2 compare output/capture input
LCD segment output S13
(1)
I = input, O = output
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - CC430F612X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F612x TI-CC430F612x Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
More results

Similar Description - CC430F612X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com