Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4295GV50 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4295GV50
Description  Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4295GV50 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4295GV50 Datasheet HTML 1Page - Infineon Technologies AG TLE4295GV50 Datasheet HTML 2Page - Infineon Technologies AG TLE4295GV50 Datasheet HTML 3Page - Infineon Technologies AG TLE4295GV50 Datasheet HTML 4Page - Infineon Technologies AG TLE4295GV50 Datasheet HTML 5Page - Infineon Technologies AG TLE4295GV50 Datasheet HTML 6Page - Infineon Technologies AG TLE4295GV50 Datasheet HTML 7Page - Infineon Technologies AG TLE4295GV50 Datasheet HTML 8Page - Infineon Technologies AG TLE4295GV50 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Type
Package
Marking
TLE 4295 GV26
PG-SCT595-5
D4
TLE 4295 GV30
PG-SCT595-5
D3
TLE 4295 GV33
PG-SCT595-5
D2
TLE 4295 GV50
PG-SCT595-5
D1
Low Drop Voltage Regulator
TLE 4295
PG-SCT595-5
Data Sheet
1
Rev. 1.4, 2008-04-21
Features
Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
Output voltage tolerance
≤ ±4%
Very low drop voltage
Output current: 30 mA
Power fail output
Low quiescent current consumption
Wide operation range: up to 45 V
Wide temperature range: -40
°C ≤ T
j ≤ 150 °C
Output protected against short circuit
Overtemperature protection
Reverse polarity proof
Very small SMD-Package PG-SCT595-5
Green Product (RoHS compliant)
AEC Qualified
Functional Description
The TLE 4295 G is a monolithic integrated low-drop voltage regulator in the very small
SMD package PG-SCT595-5. It is designed to supply e.g. microprocessor systems
under the severe conditions of automotive applications. Therefore the device is equipped
with additional protection functions against overload, short circuit and reverse polarity.
At overtemperature the regulator is automatically turned off by the integrated thermal
protection circuit.
Input voltages up to 40 V are regulated to
V
Q,nom
= 2.6 V (V26 version) 3.0 V
(V30 version) 3.3 V (V33 version) or 5.0 V (V50 version). The output is able to drive a
load of more than 30 mA while it regulates the output voltage within a 4% accuracy.
The power fail output (open collector) is switched to low in case of undervoltage overload
or saturation of the output transistor.


Similar Part No. - TLE4295GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4295GV50 INFINEON-TLE4295GV50 Datasheet
422Kb / 10P
   Low-Drop Voltage Regulator
Rev. 1.0 2002-02-13
More results

Similar Description - TLE4295GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4296-2 INFINEON-TLE4296-2_08 Datasheet
225Kb / 12P
   Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
logo
ON Semiconductor
NCV4275 ONSEMI-NCV4275 Datasheet
80Kb / 12P
   5.0 V Low-Drop Voltage Regulator
August, 2004 ??Rev. 8
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE7272 INFINEON-TLE7272 Datasheet
511Kb / 20P
   5-V Low Drop Voltage Regulator
Rev. 1.0a, 2005-02-08
TLE7274 INFINEON-TLE7274 Datasheet
396Kb / 18P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2005-02-09
TLE7276 INFINEON-TLE7276 Datasheet
445Kb / 18P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2005-02-05
TLE4263 INFINEON-TLE4263_07 Datasheet
189Kb / 19P
   5-V Low-Drop Voltage Regulator
Rev. 2.8, 2007-03-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com