Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMA080152M Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTMA080152M
Description  Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080152M Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTMA080152M Datasheet HTML 3Page - Infineon Technologies AG PTMA080152M Datasheet HTML 4Page - Infineon Technologies AG PTMA080152M Datasheet HTML 5Page - Infineon Technologies AG PTMA080152M Datasheet HTML 6Page - Infineon Technologies AG PTMA080152M Datasheet HTML 7Page - Infineon Technologies AG PTMA080152M Datasheet HTML 8Page - Infineon Technologies AG PTMA080152M Datasheet HTML 9Page - Infineon Technologies AG PTMA080152M Datasheet HTML 10Page - Infineon Technologies AG PTMA080152M Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PTMA080152M
Confidential, Limited Internal Distribution
Data Sheet
10 of 11
Rev. 04, 2010-04-16
Package Outline Specifications
Package PG-DSO-20-63
Refer to Application Note "Recommendations for Printed Circuit Board Assembly of Infineon DSO and SSOP Packages" for
additional information.
2X 2.90
[0.114] MAX
(2 PLS)
13.00
[0.512] MAX
1
10
11
20
6.
INDEX PIN 1
6.
14.20±0.30
11.00
[0.433]
9 X 1.27 = 11.43
9 X .050 = .450
1.10
[0.043] MAX
(2 PLS)
2.95
[0.116]
6.00
[0.236]
TOP VIEW
BOTTOM VIEW
[0.559±0.012]
0.40+0.13
[0.015+0.005]
0.25mm
C A
B
15.90±0.10
[0.626±0.004]
1.27
[0.050]
14°±1° (2 PLS)
TOP/BOTTOM
ALL SIDES
11.00±0.10
[0.433±0.004]
5.
3.50
[0.137] MAX
SEE DETAIL A
4.
SIDE VIEW
END VIEW
M
SS
0.95±0.15
[0.037±0.006]
0.35
[0.014]
GAUGE PLANE
0.15
[0.006] REF
0+0.1
[0+0.004]
STANDOFF
1.60
[0.063] REF
0.25+0.07
–0.02
[0.010
]
+0.003
–0.001
DETAIL A
PG-DSO-20-63_po_02-19-2010
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Package dimensions: 11.0 mm by 15.9 mm by 3.35 mm.
3. JEDEC drawing number: MO-166.
4. Does not include plastic or metal protrusion of 0.15 mm max per side.
5. Does not include dambar protrusion; maximum allowable dambar protrusion
shall be 0.08 mm.
6. Bottom metallization.
7. Sn plating (matte) : 5 – 15 micron [196.85 – 590.55 microinch].


Similar Part No. - PTMA080152M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA080152M INFINEON-PTMA080152M Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
logo
Cree, Inc
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
logo
Infineon Technologies A...
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
More results

Similar Description - PTMA080152M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
PTMA080152 CREE-PTMA080152 Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
logo
Infineon Technologies A...
PTMA080302M INFINEON-PTMA080302M Datasheet
204Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
PTMA080304M INFINEON-PTMA080304M Datasheet
674Kb / 16P
   Dual Wideband RF LDMOS Power Amplifier 30 W, 700-1000 MHz
Rev. 02, 2010-06-02
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
logo
Cree, Inc
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
logo
Infineon Technologies A...
PTMA210452EL INFINEON-PTMA210452EL Datasheet
387Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com