Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC8E-N Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DTC8E-N
Description  8A Bidirectional Thyristor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DTC8E-N Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DTC8E-N Datasheet HTML 1Page - Sanyo Semicon Device DTC8E-N Datasheet HTML 2Page - Sanyo Semicon Device DTC8E-N Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC8-N
No.1877-2/3
ON-State Voltage, VT – V
Cate Current, IG – A
RMS ON-State Current, IT(RMS) – A
RMS ON-State Current, IT(RMS) – A
Cate Current, IG – A
Number of Cycles at 50Hz, n
RMS ON-State Current, IT(RMS) – A
Case Temperature, Tc – °C


Similar Part No. - DTC8E-N

ManufacturerPart #DatasheetDescription
logo
ETA-USA
DTC80-09SX-F-W ETA-USA-DTC80-09SX-F-W Datasheet
223Kb / 4P
   AC/DC SWITCHING ADAPTOR DESKTOP SINGLE OUTPUT / UNIVERSAL RANGE INPUT WITH ACTIVE PFC 80 WATTS
DTC80-12SX-F-W ETA-USA-DTC80-12SX-F-W Datasheet
223Kb / 4P
   AC/DC SWITCHING ADAPTOR DESKTOP SINGLE OUTPUT / UNIVERSAL RANGE INPUT WITH ACTIVE PFC 80 WATTS
DTC80-15SX-F-W ETA-USA-DTC80-15SX-F-W Datasheet
223Kb / 4P
   AC/DC SWITCHING ADAPTOR DESKTOP SINGLE OUTPUT / UNIVERSAL RANGE INPUT WITH ACTIVE PFC 80 WATTS
DTC80-18SX-F-W ETA-USA-DTC80-18SX-F-W Datasheet
223Kb / 4P
   AC/DC SWITCHING ADAPTOR DESKTOP SINGLE OUTPUT / UNIVERSAL RANGE INPUT WITH ACTIVE PFC 80 WATTS
DTC80-24SX-F-W ETA-USA-DTC80-24SX-F-W Datasheet
223Kb / 4P
   AC/DC SWITCHING ADAPTOR DESKTOP SINGLE OUTPUT / UNIVERSAL RANGE INPUT WITH ACTIVE PFC 80 WATTS
More results

Similar Description - DTC8E-N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTM8-N SANYO-DTM8-N Datasheet
100Kb / 3P
   8A Bidirectional Thyristor?
DTN8 SANYO-DTN8 Datasheet
95Kb / 3P
   8A Bidirectional Thyristor???
logo
Sanken electric
TF821S SANKEN-TF821S Datasheet
48Kb / 2P
   TO-220F 8A Thyristor
TF821M SANKEN-TF821M Datasheet
48Kb / 2P
   TO-220 8A Thyristor
logo
Sanyo Semicon Device
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
   12A Bidirectional Thyristor?
DTA05 SANYO-DTA05 Datasheet
78Kb / 3P
   0.5A Bidirectional Thyristor
logo
ON Semiconductor
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
   Silicon Bidirectional Thyristor
November, 2012??Rev. 0
logo
Sanyo Semicon Device
DTA08E SANYO-DTA08E Datasheet
43Kb / 2P
   0.8A Bidirectional Thyristor?
DTB3 SANYO-DTB3 Datasheet
95Kb / 3P
   3.0A Bidirectional Thyristor?
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
   10A Bidirectional Thyristor?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com