Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA11N60CFD Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPA11N60CFD
Description  CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N60CFD Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPA11N60CFD_10 Datasheet HTML 1Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 2Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 3Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 4Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 5Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 6Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 7Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 8Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPA11N60CFD
CoolMOS
TM Power Transistor
Features
• New revolutionary high voltage technology
• Intrinsic fast-recovery body diode
• Extremely low reverse recovery charge
• Ultra low gate charge
• Extreme dv /dt rated
• High peak current capability
• Periodic avalanche rated
• Qualified according to JEDEC
0) for target applications
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
1)
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
2)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=5.5 A, V DD=50 V
340
mJ
Avalanche energy, repetitive
2),3)
E AR
I D=11 A, V DD=50 V
Avalanche current, repetitive
2),3)
I AR
A
Drain source voltage slope
dv /dt
I D=11 A, V DS=480 V,
T j=125 °C
V/ns
Reverse diode dv /dt
dv /dt
V/ns
Maximum diode commutation speed
di /dt
A/µs
Gate source voltage
V GS
static
V
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
0.6
40
Value
11
7
28
±20
±30
33
-55 ... 150
600
11
80
I S=11 A, V DS=480 V,
T j=125 °C
V DS
600
V
R DS(on),max
0.44
Ω
I D
1)
11
A
Product Summary
Type
Package
Ordering Code
Marking
SPA11N60CFD
TO-220-3-31
SP000216317
11N60CFD
PG-TO220-3-31
Rev. 1.3
page 1
2010-01-12


Similar Part No. - SPA11N60CFD_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results

Similar Description - SPA11N60CFD_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPI08N80C3 INFINEON-SPI08N80C3 Datasheet
360Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP08N80C3 INFINEON-SPP08N80C3_08 Datasheet
398Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPA11N80C3 INFINEON-SPA11N80C3_08 Datasheet
295Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP06N60C3 INFINEON-SPP06N60C3_07 Datasheet
258Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2007-08-28
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com