Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4285G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4285G
Description  5-V Voltage Regulator Low quiescent current consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4285G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4285G Datasheet HTML 3Page - Infineon Technologies AG TLE4285G Datasheet HTML 4Page - Infineon Technologies AG TLE4285G Datasheet HTML 5Page - Infineon Technologies AG TLE4285G Datasheet HTML 6Page - Infineon Technologies AG TLE4285G Datasheet HTML 7Page - Infineon Technologies AG TLE4285G Datasheet HTML 8Page - Infineon Technologies AG TLE4285G Datasheet HTML 9Page - Infineon Technologies AG TLE4285G Datasheet HTML 10Page - Infineon Technologies AG TLE4285G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
7
Rev. 2.2, 2008-04-21
TLE 4285 G
Typical Performance Characteristics
Output Voltage
V
Q versus
Temperature
T
j
Output Voltage
V
Q versus
Output Current
I
Q
4.80
-40
0
5.00
4.90
40
T j
80
120
160
C
5.10
Q
V
V
AED02191
= 5 mA
Q
Ι
4.85
4.95
5.05
AED02192
Ι
Q
40
V
6
0
0
mA
1
2
3
4
5
20
10
30
T j = 130 C
25 C -40 C
V Q


Similar Part No. - TLE4285G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
   5-V Voltage Regulator
Rev. 2.1, 2004-01-01
More results

Similar Description - TLE4285G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G920 GMT-G920 Datasheet
65Kb / 1P
   Low Quiescent Current Voltage Regulator
G921 GMT-G921 Datasheet
62Kb / 1P
   Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com