Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13892AJVL Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC13892AJVL
Description   Power Management and User Interface IC
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892AJVL Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC13892AJVL Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 161 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
13892
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. MC13892 Device Variations Table
Device Variation(1)
Package
Temperature
Range (TA)
Errata Doc #
Pin Out
Supplemental Functionality
MC13892VK(3)
MC13892JVK(3)
139-PIN 7x7mm
BGA
-30 to +85 °C
MC13892ER
Figure 3
Standard Part
MC13892AJVK(2)
MC13892ER
Figure 3
Global Reset Function
MC13892BJVK(4)
Programmable Global Reset
Function
MC13892VL(3)
MC13892JVL(3)
186-PIN
12x12mm BGA
-30 to +85 °C
MC13892ER
Figure 4
Standard Part
MC13892AJVL(2)
MC13892ER
Figure 4
Global Reset Function
MC13892BJVL(4)
Programmable Global Reset
Function
Notes
1.
For Tape and Reel product, add “/R2” as a suffix to the device number.
2.
Recommended for all new designs
3.
Not recommended for new designs
4.
Backward compatable replacement part for MC13892VK, MC13892JVK, MC13892VL and MC13892JVL


Similar Part No. - MC13892AJVL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13892AJVL FREESCALE-MC13892AJVL Datasheet
5Mb / 156P
   Power Management and User Interface IC
MC13892AJVL FREESCALE-MC13892AJVL Datasheet
5Mb / 158P
   Power Management Integrated
More results

Similar Description - MC13892AJVL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com