Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13892AJVL Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC13892AJVL
Description   Power Management and User Interface IC
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892AJVL Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC13892AJVL Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13892AJVL Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 161 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
13892
PIN CONNECTIONS
F7
E7, E8, E9,
E10, F4, F5, F6
GNDSUB2
-
Ground
Ground 2
Non critical signal ground and thermal heat
sink
F8
F7, F8, F9, F10,
G4, G5, G6,
G7, G8
GNDSUB3
-
Ground
Ground 3
Non critical signal ground and thermal heat
sink
F9
C13
GPO3
-
Output
General Purpose
Output 3
General purpose output 3
F10
E12
GPO2
3.6
Output
General Purpose
Output 2
General purpose output 2
F11
E14
RESETBMCU
3.6
Output
MCU Reset
Reset output for processor
F12
F13
RESETB
3.6
Output
Peripheral Reset
Reset output for peripherals
F13
F14
SW1OUT
5.5
Output
Switcher 1 Output
Switcher 1 output
G1
F1
SW3OUT
5.5
Output
Switcher 3 Output
Switcher 3 output
G2
F3
VINUSB
7.5
Input
VUSB Supply Input
Input option for UVUSB; tie to SWBST at top
level
G4
J3
SW4FB
3.6
Input
Switcher 4 Feedback
Switcher 4 feedback
G5
E2
GNDREG2
-
Ground
Regulator 2 Ground
Ground for regulators 2
G6
G9, G10, G11,
H3, H5, H6, H7,
H8
GNDSUB4
-
Ground
Ground 4
Non critical signal ground and thermal heat
sink
G7
H9, H10, H12,
J5, J6, J7
GNDSUB5
-
Ground
Ground 5
Non critical signal ground and thermal heat
sink
G8
J8, J9, J10, K4,
K5, K6, K7
GNDSUB6
-
Ground
Ground 6
Non critical signal ground and thermal heat
sink
G9
C14
PUMS1
3.6
Input
Power Up Mode
Select 1
Power up mode supply setting 1
G10
F12
WDI
3.6
Input
Watchdog Input
Watchdog input
G12
D14
GPO4
3.6
Output
General Purpose
Output 4
General purpose output 4
G13
H13, H14
SW1IN
5.5
Input
Switcher 1 Input
Input voltage for switcher 1
H1
H1, H2
SW3IN
5.5
Power
Switcher 3 Input
Switcher 3 input
H2
P2
MISO
3.6
I/O
Master In Slave Out
Primary SPI read output
H4
L3
GNDSPI
-
Ground
SPI Ground
Ground for SPI interface
H5
N4
GNDREG3
-
Ground
Regulator 3 Ground
Ground for regulators 3
H6
K8, K10, L4, L5,
L6, L10
GNDSUB7
-
Ground
Ground 7
Non critical signal ground and thermal heat
sink
H7
P5, P7, P8, P9,
P10
GNDSUB8
-
Ground
Ground 8
Non critical signal ground and thermal heat
sink
H8
GNDSUB9
-
Ground
Ground 9
Non critical signal ground and thermal heat
sink
H9
F11
GNDCTRL
-
Ground
Logic Control Ground
Ground for control logic
Table 2. 13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 32.
Pin Number
on the
13982VK
7x7 mm
Pin Number on
the 13982VL
12x12 mm
Pin Name
Rating
(V)
Pin Function
Formal Name
Definition


Similar Part No. - MC13892AJVL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13892AJVL FREESCALE-MC13892AJVL Datasheet
5Mb / 156P
   Power Management and User Interface IC
MC13892AJVL FREESCALE-MC13892AJVL Datasheet
5Mb / 158P
   Power Management Integrated
More results

Similar Description - MC13892AJVL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com