Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CJM Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CJM
Description  266 MHz i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CJM Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9328MX21CJM Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MX21CJM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
Introduction
MC9328MX21 Technical Data, Rev. 3.4
Freescale Semiconductor
3
•A signal is an electronic construct whose state conveys or changes in state convey information.
•A pin is an external physical connection. The same pin can be used to connect a number of signals.
Asserted means that a discrete signal is in active logic state.
— Active low signals change from logic level one to logic level zero.
— Active high signals change from logic level zero to logic level one.
Negated means that an asserted discrete signal changes logic state.
— Active low signals change from logic level zero to logic level one.
— Active high signals change from logic level one to logic level zero.
LSB means least significant bit or bits, and MSB means most significant bit or bits. References to
low and high bytes or words are spelled out.
Numbers preceded by a percent sign (%) are binary. Numbers preceded by a dollar sign ($) or 0x
are hexadecimal.
1.2
Target Applications
The i.MX21 is targeted for advanced information appliances, smart phones, Web browsers, digital MP3
audio players, handheld computers based on the popular Palm OS platform, and messaging applications.
1.3
Reference Documentation
The following documents are required for a complete description of the i.MX21 and are necessary to
design properly with the device. Especially for those not familiar with the ARM926EJ-S processor the
following documents are helpful when used in conjunction with this manual.
ARM Architecture Reference Manual (ARM Ltd., order number ARM DDI 0100)
ARM7TDMI Data Sheet (ARM Ltd., order number ARM DDI 0029)
ARM920T Technical Reference Manual (ARM Ltd., order number ARM DDI 0151C)
MC9328MX21 Product Brief (order number MC9328MX21P)
MC9328MX21 Reference Manual (order number MC9328MX21RM)
The Freescale manuals are available on the Freescale Semiconductor Web site at http://
www.freescale.com. These documents may be downloaded directly from the Freescale Web site, or printed
versions may be ordered. The ARM Ltd. documentation is available from http://www.arm.com.
1.4
Ordering Information
Table 1 provides ordering information for the device.
Table 1. Ordering Information1
Part Order Number
Package Size
Package Type
Operating Range
MC9328MX21VK!
289-lead MAPBGA
0.65mm, 14mm x 14mm
Lead-free
0
°C–70°C
MC9328MX21VM!
289-lead MAPBGA
0.8mm, 17mm x 17mm
Lead-free
0
°C–70°C


Similar Part No. - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CJM FREESCALE-MC9328MX21CJM Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CJM NXP-MC9328MX21CJM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CJM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com