Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1322X Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC1322X
Description  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC1322X Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC1322X Datasheet HTML 5Page - Freescale Semiconductor, Inc MC1322X Datasheet HTML 6Page - Freescale Semiconductor, Inc MC1322X Datasheet HTML 7Page - Freescale Semiconductor, Inc MC1322X Datasheet HTML 8Page - Freescale Semiconductor, Inc MC1322X Datasheet HTML 9Page - Freescale Semiconductor, Inc MC1322X Datasheet HTML 10Page - Freescale Semiconductor, Inc MC1322X Datasheet HTML 11Page - Freescale Semiconductor, Inc MC1322X Datasheet HTML 12Page - Freescale Semiconductor, Inc MC1322X Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
MC1322x Technical Data, Rev. 1.3
Freescale Semiconductor
9
BeeStack uses the IEEE 802.15.4-compatible MAC/PHY layer that is not part of ZigBee itself. The NWK
layer defines routing, network creation and configuration, and device synchronization. The application
framework (AF) supports a rich array of services that define ZigBee functionality. ZigBee Device Objects
(ZDO) implement application-level services in all nodes via profiles. A security service provider (SSP) is
available to the layers that use encryption (NWK and APS), i.e., Advanced Encryption Standard (AES)
128-bit security.
The complete Freescale BeeStack protocol stack includes the following components:
ZigBee Device Objects (ZDO) and ZigBee Device Profile (ZDP)
Application Support Sub-Layer (APS)
Application Framework (AF)
Network (NWK) Layer
Security Service Provider (SSP)
IEEE 802.15.4-compatible MAC and Physical (PHY) Layer
NOTE
For more details on the ZigBee model and protocol, the user is directed to
the ZigBee Specification at www.zigbee.org.
In addition to the use of two Stack Profiles, ZigBee also embraces the concept of application profiles. The
profiles are intended to assure interoperability between like devices for a specific application from
different vendors. The application profile specifies a device description and its messaging protocol such
that it defines the type, shape, and features of the network. The ZigBee Alliance defines each profile and
targets a specific market. Examples include Smart Energy, Home Automation, Health Care, and Remote
Control.
Freescale’s BeeStack supports a number of these application profiles through demonstration software
projects. These projects can be used as a starting point for the user to develop their specific application.
For more information on Freescale supported application profiles see AN3403, Freescale IEEE
802.15.4/ZigBee Software Selector Guide.
2.3.4.2
Using BeeStack on the MC1322x Platform
When using the BeeStack codebases on the MC1322x platform, the application should be targeted to the
proper part number:
MC13224V should be used for ZigBee Profile 1 applications
MC13226V should be used for ZigBee Profile 2 (Pro) applications
BeeStack for the MC1322x platform is a single codebase, device selection is determined by a
configuration wizard when the BeeKit project is first developed.
2.3.4.3
BeeStack Consumer
In response to significant market opportunity in the consumer electronics remote control market, the
ZigBee Alliance adapted the ZigBee RF4CE Specification in 2009. Freescale’s BeeStack Consumer stack
implements the ZigBee RF4CE protocol. It is also a networking layer that sits on top of the IEEE®


Similar Part No. - MC1322X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
More results

Similar Description - MC1322X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com