Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA091201E Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFA091201E
Description  Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA091201E Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFA091201E Datasheet HTML 1Page - Infineon Technologies AG PTFA091201E Datasheet HTML 2Page - Infineon Technologies AG PTFA091201E Datasheet HTML 3Page - Infineon Technologies AG PTFA091201E Datasheet HTML 4Page - Infineon Technologies AG PTFA091201E Datasheet HTML 5Page - Infineon Technologies AG PTFA091201E Datasheet HTML 6Page - Infineon Technologies AG PTFA091201E Datasheet HTML 7Page - Infineon Technologies AG PTFA091201E Datasheet HTML 8Page - Infineon Technologies AG PTFA091201E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
3 of 10
Rev. 03, 2007-11-19
PTFA091201E
PTFA091201F
Confidential, Limited Internal Distribution
Intermodulation Distortion vs. Output Power
(as measured in a broadband circuit)
VDD = 28 V, IDQ = 750 mA, ƒ1 = 959 MHz, ƒ2 = 960 MHz
-70
-60
-50
-40
-30
-20
-10
37
39
41
43
45
47
49
Output Power, Avg. (dBm)
3rd Order
7th
5th
CW Sweep in a Broadband Test Fixture
VDD = 28 V, IDQ = 750 mA, POUT = 50.79 dBm
16
17
18
19
20
21
900
910
920
930
940
950
960
970
980
Frequency (MHz)
20
30
40
50
60
70
Gain
Return Loss
Efficiency
-15
-25
-35
Typical Performance (data taken in a production test fixture)
*See Infineon distributor for future availability.
IM3 vs. Output Power at Selected Biases
VDD = 28 V, ƒ1 = 959, ƒ2 = 960 MHz,
series show IDQ
-60
-55
-50
-45
-40
-35
-30
-25
-20
37
39
41
43
45
47
49
Output Power, Avg. (dBm)
525 mA
940 mA
750 mA
Power Sweep
VDD = 28 V, ƒ = 960 MHz
17.5
18.0
18.5
19.0
19.5
20.0
20.5
40
42
44
46
48
50
52
Output Power (dBm)
IDQ = 1125 mA
IDQ = 375 mA
IDQ = 750 mA


Similar Part No. - PTFA091201E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091201E INFINEON-PTFA091201E Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA091201EV4R0 INFINEON-PTFA091201EV4R0 Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA091201EV4R0XTMA1 INFINEON-PTFA091201EV4R0XTMA1 Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA091201EV4R250 INFINEON-PTFA091201EV4R250 Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
More results

Similar Description - PTFA091201E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
PTFA091201GL INFINEON-PTFA091201GL Datasheet
288Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 02, 2008-08-27
PTFA091203EL INFINEON-PTFA091203EL Datasheet
620Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 05, 2010-11-12
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA092213EL INFINEON-PTFA092213EL Datasheet
671Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920-960 MHz
Rev. 04, 2010-11-04
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com