Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA211801F Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTFA211801F
Description  Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA211801F Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTFA211801F Datasheet HTML 3Page - Infineon Technologies AG PTFA211801F Datasheet HTML 4Page - Infineon Technologies AG PTFA211801F Datasheet HTML 5Page - Infineon Technologies AG PTFA211801F Datasheet HTML 6Page - Infineon Technologies AG PTFA211801F Datasheet HTML 7Page - Infineon Technologies AG PTFA211801F Datasheet HTML 8Page - Infineon Technologies AG PTFA211801F Datasheet HTML 9Page - Infineon Technologies AG PTFA211801F Datasheet HTML 10Page - Infineon Technologies AG PTFA211801F Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PTFA211801E
PTFA211801F
Data Sheet
8 of 11
Rev. 04, 2007-11-15
Reference circuit assembly diagram* (not to scale)
Component
Description
Suggested Manufacturer
P/N or Comment
C1, C2, C3
Capacitor, 0.001 µF
Digi-Key
PCC1772CT-ND
C4
Tantalum capacitor, 10 µF, 35 V
Digi-Key
PCS6106TR-ND
C5, C6
Capacitor, 0.1 µF
Digi-Key
PCC104BCT
C7
Capacitor, 0.01 µF
ATC
200B103
C8, C12, C16
Ceramic capacitor, 9.1 pF
ATC
100B 9R1
C9
Ceramic capacitor, 0.5 pF
ATC
100B 0R5
C10, C21
Ceramic capacitor, 8.2 pF
ATC
100B 8R2
C11
Ceramic capacitor, 1.5 pF
ATC
100B 1R5
C13, C17
Ceramic capacitor, 0.02 µF
ATC
200B 203
C14, C18
Ceramic capacitor, 1 µF
ATC
920C105
C15, C19
Electrolytic capacitor, 22 µF, 50 V
Digi-Key
PCE3374CT-ND
C20
Ceramic capacitor, 0.3 pF
ATC
100B 0R3
Q1
Transistor
Infineon Technologies
BCP56
QQ1
Voltage regulator
National Semiconductor
LM7805
R1
Chip resistor, 1.2 k-ohms
Digi-Key
P1.2KGCT-ND
R2
Chip resistor, 1.3 k-ohms
Digi-Key
P1.3KGCT-ND
R3
Chip resistor, 2 k-ohms
Digi-Key
P2KECT-ND
R4
Potentiometer, 2 k-ohms
Digi-Key
3224W-202ETR-ND
R5, R9
Chip resistor, 10 ohms
Digi-Key
P10ECT-ND
R6, R7, R8
Chip resistor, 5.1 k-ohms
Digi-Key
P5.1KECT-ND
Reference Circuit (cont.)
*Gerber Files for this circuit available on request
A211801ef _assy
10
35V
+
LM
RF_IN
RF_OUT


Similar Part No. - PTFA211801F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA211801E INFINEON-PTFA211801E Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
More results

Similar Description - PTFA211801F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com