Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA211801E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFA211801E
Description  Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA211801E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFA211801E Datasheet HTML 3Page - Infineon Technologies AG PTFA211801E Datasheet HTML 4Page - Infineon Technologies AG PTFA211801E Datasheet HTML 5Page - Infineon Technologies AG PTFA211801E Datasheet HTML 6Page - Infineon Technologies AG PTFA211801E Datasheet HTML 7Page - Infineon Technologies AG PTFA211801E Datasheet HTML 8Page - Infineon Technologies AG PTFA211801E Datasheet HTML 9Page - Infineon Technologies AG PTFA211801E Datasheet HTML 10Page - Infineon Technologies AG PTFA211801E Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PTFA211801E
PTFA211801F
Data Sheet
9 of 11
Rev. 04, 2007-11-15
Package Outline Specifications
Package H-36260-2
Diagram Notes—unless otherwise specified:
1. Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001].
2. All tolerances ± 0.127 [.005] unless specified otherwise.
3. Pins: D = drain, S = source, G = gate.
4. Interpret dimensions and tolerances per ASME Y14.5M-1994.
5. Primary dimensions are mm. Alternate dimensions are inches.
6. Gold plating thickness:
S, D, G - flange & leads: 1.14 ± 0.38 micron [45 ± 15 microinch]
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/products
CL
CL
260 -cases_30260 /11 -15 -07
0.0381 [.0015] -A-
22.35±0.23
[.880±.009]
(2X 4.83±0.50
[.190±.020])
2X 12.70
[.500]
23.37±0.51
[.920±.020]
4X R 1.52
[.060]
2X 3.25
[.128]
34.04
[1.340]
D
S
G
FLANGE 13.72
[.540]
45° X 2.03
[.080]
SPH 1.57
[.062]
2X 1.63
[.064] R
4.11±0.38
[.162±.015]
27.94
[1.100]
CL
1.02
[.040]
+0.10
LID 13.21
–0.15
+.004
[.520
]
–.006


Similar Part No. - PTFA211801E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA211801E INFINEON-PTFA211801E Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
More results

Similar Description - PTFA211801E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com