Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4276-2DV50 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4276-2DV50
Description  Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276-2DV50 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4276-2DV50 Datasheet HTML 1Page - Infineon Technologies AG TLE4276-2DV50 Datasheet HTML 2Page - Infineon Technologies AG TLE4276-2DV50 Datasheet HTML 3Page - Infineon Technologies AG TLE4276-2DV50 Datasheet HTML 4Page - Infineon Technologies AG TLE4276-2DV50 Datasheet HTML 5Page - Infineon Technologies AG TLE4276-2DV50 Datasheet HTML 6Page - Infineon Technologies AG TLE4276-2DV50 Datasheet HTML 7Page - Infineon Technologies AG TLE4276-2DV50 Datasheet HTML 8Page - Infineon Technologies AG TLE4276-2DV50 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLE 4276-2
Data Sheet
3
Rev. 1.1, 2007-09-21
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No. Symbol Function
1I
Input; block to ground directly at the IC with a ceramic capacitor.
2INH
Inhibit; low-active input.
3GND
Ground
4N.C.
VA
Not connected for V50
Voltage Adjust Input; only for adjustable version. Connect an
external voltage divider to determine the output voltage.
5Q
Output; block to GND with a
≥ 22 µF capacitor, ESR ≤ 3 Ω at 10 kHz
Heat Tab
Connect to GND.
AEP02560
15
INH
Ι
N.C.
Q
(VA)
GND
1
5
GND
INH
Ι
AEP02043
N.C.
(VA)
Q
PG-TO263-5
PG-TO252-5


Similar Part No. - TLE4276-2DV50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE42764 INFINEON-TLE42764 Datasheet
424Kb / 17P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, October 2009
TLE42764DV INFINEON-TLE42764DV Datasheet
424Kb / 17P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, October 2009
TLE42764DV INFINEON-TLE42764DV Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
More results

Similar Description - TLE4276-2DV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4269 INFINEON-TLE4269_07 Datasheet
367Kb / 19P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.4, 2007-03-20
TLE4268 INFINEON-TLE4268_07 Datasheet
333Kb / 17P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.5, 2007-03-20
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
   Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
TLE4274 INFINEON-TLE4274_07 Datasheet
207Kb / 16P
   Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
   5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com