Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4473GV52 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4473GV52
Description  Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV52 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4473GV52 Datasheet HTML 7Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 8Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 9Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 10Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 11Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 12Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 13Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 14Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TLE 4473 GV53
TLE 4473 GV52
Data Sheet
11
Rev. 1.1, 2008-09-19
Reset Output RO2
Reset switching
threshold
V
RT2
4.5
4.65
4.8
V
Reset output current I
RO2
1.4
mA
Collector current of RO1,
power good, reset still
delayed.
V
Q2=5V, VD2=0V,VRO2=0.3V
Reset output low
voltage
V
RO2L
0.15
0.3
V
V
Q2 ≥ 1 V, V
D2=0V,
I
RO2= 0.5mA
Reset high voltage
V
RO2H
4.5
V
R
RO2,ext=4.7kΩ
REGULATOR 1:
Output Q1
Output voltage
V
Q12
3.20
3.3
3.40
V
TLE 4473 GV53
1mA<
I
Q1<300 mA;
4.5 V <
V
I <28V
Output voltage
V
Q12
2.52
2.60
2.68
V
TLE 4473 GV52
1mA<
I
Q1<300 mA;
4.5 V <
V
I <28V
Output current
limitation
I
Q1
350
500
600
mA
V
Q1 =3.0 V
(TLE 4473 GV53);
V
Q1 =2.3 V
(TLE 4473 GV52)
Load regulation
V
Q1,Lo
–5
50
mV
5 mA <
I
Q1 < 300 mA;
Line regulation
V
Q1,Li
–5
20
mV
I
Q1 = 5 mA;
6V< V
I<28V
Power-Supply-
Ripple-Rejection
PSRR
–65
dB
f
r = 100 Hz;
V
r = 1V
pp
Electrical Characteristics (cont’d)
V
I1 =13.5 V; VINH1 =VINH2= 5V; – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


Similar Part No. - TLE4473GV52

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
   Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
More results

Similar Description - TLE4473GV52

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4269 INFINEON-TLE4269_07 Datasheet
367Kb / 19P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.4, 2007-03-20
TLE4268 INFINEON-TLE4268_07 Datasheet
333Kb / 17P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.5, 2007-03-20
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4276-2 INFINEON-TLE4276-2 Datasheet
281Kb / 16P
   Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
Rev. 1.1, 2007-09-21
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com