Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE6281G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC Adjustable dead time with shoot through protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6281G Datasheet HTML 3Page - Infineon Technologies AG TLE6281G Datasheet HTML 4Page - Infineon Technologies AG TLE6281G Datasheet HTML 5Page - Infineon Technologies AG TLE6281G Datasheet HTML 6Page - Infineon Technologies AG TLE6281G Datasheet HTML 7Page - Infineon Technologies AG TLE6281G Datasheet HTML 8Page - Infineon Technologies AG TLE6281G Datasheet HTML 9Page - Infineon Technologies AG TLE6281G Datasheet HTML 10Page - Infineon Technologies AG TLE6281G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
7
Rev 2.3 2007-01-11
Test Circuit and Timing Diagram
Diagnosis and Protection Functions
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40…150°C, unless otherwise specified
and supply voltage range VS = 7.5 … 60V; fPWM = 20kHz
min
typ
max
Overtemperature warning
TJ(OV)
150
170
190
°C
Hysteresis for overtemperature warning
∆TJ(OV)
--
20
--
°C
Short circuit protection filter time
tSCP(off)
69
12
µs
Short circuit criteria (VDS of Mosfets)
For Low sides
For High sides
VDS(SCP)
0.5
0.45
0.75
0.75
1.0
1.05
V
Disable input level
VDIS
3.3
3.7
4.0
V
Disable input hysteresis
∆VDIS
--
180
--
mV
Error level @ 1.6mA IERR
VERR
--
--
1.0
V
Under voltage lock out for highside output –
bootstrap voltage
VBHx(uvlo)
--
3.7
4.6
V
Under voltage lock out for lowside output –
supply voltage
VVs(uvlo)
--
4.8
5.9
V
GHx
SLx
GLx
SHx
x2
V
GHX_C
R
load = 1 Ohm
C
load = 10 nF
PWM
R
load = 1 Ohm
C
load = 10 nF
V
GLX_C
Test Conditions :
Junction temperature Tj = -40 … 150
oC
Supply voltage range Vs = 7.5 … 60V
PWM frequency fPWM = 20 kHz
t
t
t
PWM
50%
20%
80%
20%
80%
t
P(IHN)
t
P(ILN)
t
P(ILF)
t
P(IHF)
t
rise
t
rise
t
fall
t
fall
10%
90%
90%
10%
V
GHX_C
V
GLX_C


Similar Part No. - TLE6281G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
More results

Similar Description - TLE6281G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
   H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
Microchip Technology
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
   85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
   85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
   Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com