Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QD4CSC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08QD4CSC
Description  HCS08 Microcontrollers
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QD4CSC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08QD4CSC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QD4CSC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 198 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
16 MHz HCS08 CPU (central processor
unit)
HC08 instruction set with added BGND
instruction
Background debugging system
Breakpoint capability to allow single
breakpoint setting during in-circuit
debugging (plus two more breakpoints in
on-chip debug module)
Support for up to 32 interrupt/reset sources
Memory
Flash read/program/erase over full
operating voltage and temperature
Flash size:
— MC9S08QD4/S9S08QD4: 4096 bytes
— MC9S08QD2/S9S08QD2: 2048 bytes
•RAM size
— MC9S08QD4/S9S08QD4: 256 bytes
— MC9S08QD2/S9S08QD2: 128 bytes
Power-Saving Modes
Wait plus three stops
Clock Source Options
ICS — Internal clock source module (ICS)
containing a frequency-locked-loop (FLL)
controlled by internal. Precision trimming
of internal reference allows 0.2% resolution
and 2% deviation over temperature and
voltage.
System Protection
Watchdog computer operating properly
(COP) reset with option to run from
dedicated 32 kHz internal clock source or
bus clock
Low-voltage detection with reset or
interrupt
Illegal opcode detection with reset
Illegal address detection with reset
Flash block protect
Peripherals
ADC — 4-channel, 10-bit analog-to-digital
converter with automatic compare
function, asynchronous clock source,
temperature sensor and internal bandgap
reference channel. ADC is hardware
triggerable using the RTI counter.
TIM1 — 2-channel timer/pulse-width
modulator; each channel can be used for
input capture, output compare, buffered
edge-aligned PWM, or buffered
center-aligned PWM
TIM2 — 1-channel timer/pulse-width
modulator; each channel can be used for
input capture, output compare, buffered
edge-aligned PWM, or buffered
center-aligned PWM
KBI — 4-pin keyboard interrupt module
with software selectable polarity on edge or
edge/level modes
Input/Output
Four General-purpose input/output (I/O)
pins, one input-only pin and one
output-only pin. Outputs 10 mA each, 60
mA maximum for package.
Software selectable pullups on ports when
used as input
Software selectable slew rate control and
drive strength on ports when used as output
Internal pullup on RESET and IRQ pin to
reduce customer system cost
Development Support
Single-wire background debug interface
Package Options
8-pin SOIC package
8-pin PDIP (Only for MC9S08QD4 and
MC9S08QD2)
All package options are RoHS compliant
MC9S08QD4 Series Features


Similar Part No. - MC9S08QD4CSC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QD4CSC FREESCALE-MC9S08QD4CSC Datasheet
951Kb / 196P
   Microcontrollers
MC9S08QD4CSC FREESCALE-MC9S08QD4CSC Datasheet
2Mb / 202P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QD4CSC FREESCALE-MC9S08QD4CSC Datasheet
2Mb / 202P
   Microcontrollers
More results

Similar Description - MC9S08QD4CSC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com