Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA043002E Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTFA043002E
Description  Thermally-Enhanced High Power RF LDMOS FET 300 W, 470 ??860 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA043002E Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTFA043002E Datasheet HTML 1Page - Infineon Technologies AG PTFA043002E Datasheet HTML 2Page - Infineon Technologies AG PTFA043002E Datasheet HTML 3Page - Infineon Technologies AG PTFA043002E Datasheet HTML 4Page - Infineon Technologies AG PTFA043002E Datasheet HTML 5Page - Infineon Technologies AG PTFA043002E Datasheet HTML 6Page - Infineon Technologies AG PTFA043002E Datasheet HTML 7Page - Infineon Technologies AG PTFA043002E Datasheet HTML 8Page - Infineon Technologies AG PTFA043002E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PTFA043002E
Data Sheet
4 of 10
Rev. 03.1, 2009-02-20
Two-tone Drive-up at 800 MHz
(in narrowband circuit)
VDD = 32 V, IDQ = 1.55 A, ƒ1 = 799.5 MHz, ƒ2 = 800.5 MHz
-80
-70
-60
-50
-40
-30
-20
-10
0
0
50
100
150
200
250
300
350
Output Power, PEP (W)
0
5
10
15
20
25
30
35
40
3rd Order
7th
5th
Drain Efficiency
Gain
Typical Performance (cont.)
Bias Voltage vs. Temperature
Voltage normalized to typical gate voltage,
series show current
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-20
0
20
40
60
80
100
Case Temperature (°C)
0.29 A
0.88 A
1.47 A
2.20 A
4.41 A
6.61 A
8.81 A
11.02 A
DVB Adjacent Channel Power
VDD = 32 V, IDQ = 1.55 A,
63 W DVB s ignal
-75
-70
-65
-60
-55
-50
450 500 550 600 650 700 750 800 850 900
Frequency (MHz)
0
5
10
15
20
25
+4.2 MHz
Efficiency
–4.2 MHz


Similar Part No. - PTFA043002E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501F INFINEON-PTFA041501F Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
PTFA041501GL INFINEON-PTFA041501GL Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
More results

Similar Description - PTFA043002E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTVA043502EC INFINEON-PTVA043502EC Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 ??860 MHz
Rev. 02.2, 2017-02-09
logo
Cree, Inc
PTVA043502EC CREE-PTVA043502EC Datasheet
489Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 - 860 MHz
logo
Infineon Technologies A...
PTVA042502EFC INFINEON-PTVA042502EFC_16 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 250 W, 50 V, 470 ??806 MHz
Rev. 03.1, 2016-04-19
logo
Cree, Inc
PTVA047002EV CREE-PTVA047002EV Datasheet
449Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 ??806 MHz
logo
WOLFSPEED, INC.
PTVA047002EV WOLFSPEED-PTVA047002EV Datasheet
423Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
Rev. 05, 2018-08-20
logo
Infineon Technologies A...
PTVA093002TC INFINEON-PTVA093002TC Datasheet
210Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Rev. 04, 2014-06-16
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA142401EL INFINEON-PTFA142401EL Datasheet
449Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1450 ??1500 MHz
Rev. 04, 2009-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com