Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4275V33 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4275V33
Description  Linear Voltage Regulator 3.3 V Fixed Output Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4275V33 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4275V33 Datasheet HTML 2Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 3Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 4Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 5Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 6Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 7Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 8Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 9Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Datasheet
6
Rev. 1.0, 2006-09-22
TLE 4275 V33
Block Description and Electrical Characteristics
3.2
Current Consumption
Table 1
Electrical Characteristics Voltage Regulator
V
I = 13.5 V; -40 °C ≤ Tj ≤ 150 °C (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Remark / Test Condition
Min.
Typ.
Max.
3.1.1
Output Voltage
V
Q
3.23
3.3
3.37
V
1 mA
IQ ≤ 400 mA;
5 V
VI ≤ 28 V
3.1.1
3.23
3.3
3.37
V
1 mA
IQ ≤ 300 mA;
4.4 V
VI ≤ 28 V
3.1.2
3.23
3.3
3.37
V
1 mA
IQ ≤ 200 mA;
4.4 V
VI ≤ 40 V
3.1.3
Load Regulation
steady-state
d
V
Q,load
-30
-15
mV
I
Q = 5 mA to 400 mA;
V
I = 6 V
3.1.4
Line Regulation
steady-state
d
V
Q,line
–5
15
mV
V
I = 8 V to 32 V;
I
Q = 5 mA
3.1.5
Power Supply Ripple
Rejection
PSRR
–60
dB
f
ripple = 100 Hz;
V
ripple = 0.5 Vpp
1)
1) Parameter not subject to production test; specified by design.
3.1.6
Output Current Limitation
I
Q,max
401
1000
mA
V
Q = 3.0 V
3.1.7
Overtemperature Shutdown
Threshold
T
j,sd
151
200
°C
T
j increasing
1)
3.1.8
Overtemperature Shutdown
Threshold Hysteresis
T
j,hy
–25
K
Table 2
Electrical Characteristics Current Consumption
V
I = 13.5 V; -40 °C ≤ Tj ≤ 150 °C (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
3.2.1
Current Consumption
I
q = IQ - II
I
q
180
220
µA
I
Q = 1 mA;
T
j = 25 °C
3.2.2
180
240
µA
I
Q = 1 mA;
T
j ≤ 85 °C
3.2.3
8
12
mA
I
Q = 250 mA
3.2.4
20
30
mA
I
Q = 400 mA


Similar Part No. - TLE4275V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
198Kb / 12P
   Stable with ceramic output capacitor
Rev. 1.1, 2015-01-15
TLE4275V33 INFINEON-TLE4275V33_15 Datasheet
198Kb / 12P
   Stable with ceramic output capacitor
Rev. 1.1, 2015-01-15
More results

Similar Description - TLE4275V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
logo
Texas Instruments
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
[Old version datasheet]   100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
Infineon Technologies A...
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
TLE4699 INFINEON-TLE4699 Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
   Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
logo
Texas Instruments
TLV761 TI1-TLV761 Datasheet
304Kb / 16P
[Old version datasheet]   TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
TLV761 TI-TLV761_V01 Datasheet
362Kb / 15P
[Old version datasheet]   TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
FEBRUARY 2020
TLV761 TI1-TLV761_V02 Datasheet
1Mb / 24P
[Old version datasheet]   TLV761 16-V, 1-A, Fixed Output Linear Voltage Regulator
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com