Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2QS03G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICE2QS03G
Description  Quasi-Resonant PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2QS03G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE2QS03G Datasheet HTML 7Page - Infineon Technologies AG ICE2QS03G Datasheet HTML 8Page - Infineon Technologies AG ICE2QS03G Datasheet HTML 9Page - Infineon Technologies AG ICE2QS03G Datasheet HTML 10Page - Infineon Technologies AG ICE2QS03G Datasheet HTML 11Page - Infineon Technologies AG ICE2QS03G Datasheet HTML 12Page - Infineon Technologies AG ICE2QS03G Datasheet HTML 13Page - Infineon Technologies AG ICE2QS03G Datasheet HTML 14Page - Infineon Technologies AG ICE2QS03G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Quasi-Resonant PWM Controller
ICE2QS03G
Functional Description
Version 2.1
11
February 5, 2010
the output flip-flop will be reset by one of these signals
which come first.
If the output load is still low, the feedback signal
decreases as the PWM section is operating. When
feedback signal reaches the low threshold VBL(3.0V),
the internal bias is reset again and the PWM section is
disabled until next time regultaion siganl increases
beyond the VBH threshold. If working in Active Burst
Mode the feedback signal is changing like a saw tooth
between 3.0V and 3.6V shown in Figure 9.
3.5.3
Leaving Active Burst Mode Operation
The feedback voltage immediately increases if there is
a high load jump. This is observed by one comparator.
As the current limit is 34% during Active Burst Mode a
certain load is needed so that feedback voltage can
exceed VLB (4.5V). After leaving active busrt mode,
maximum current can now be provided to stabilize VO.
In addition, the up/down counter will be set to 1
immediately after leaving Active Burst Mode. This is
helpful to decrease the output voltage undershoot.
Figure 9
Signals in Active Burst Mode
3.6
Protection Functions
The IC provides full protection functions. The following
table summarizes these protection functions.
Table 2
Protection features
During operation, the VCC voltage is continuously
monitored. In case of an under- or an over-voltage, the
IC is reset and the main power switch is then kept off.
After the VCC voltage falls below the threshold VVCCoff,
the startup cell is activated. The VCC capacitor is then
charged up. Once the voltage exceeds the threshold
VVCCon, the IC begins to operate with a new soft-start.
In case of open control loop or output over load, the
feedback voltage will be pulled up . After a blanking
time of 24ms, the IC enters auto-restart mode. The
blanking time here enables the converter to provide a
high power in case the increase in VFB is due to a
sudden load increase. During off-time of the power
switch, the voltage at the zero-crossing pin is
monitored for output over-voltage detection. If the
voltage is higher than the preset threshold vZCOVP, the
IC is latched off after the preset blanking time.
If the junction temperature of IC exceeds 140 0C, the IC
enter into autorestart mode.
If the voltage at the current sensing pin is higher than
the preset threshold vCSSW during on-time of the power
switch, the IC is latched off. This is short-winding
protection.
During latch-off protection mode, when the VCC
voltage drops to 10.5V,the startup cell is activated and
the VCC voltage is charged to 18V then the startup cell
is shut down again and repeats the previous procedure.
There is also a maximum on time limitation inside
ICE2QS03G. Once the gate voltage is high longer than
tOnMAx, it is turned off immediately.
VFBEB
VFBBOn
VFBLB
V
FB
t
VCSB
1.0V
VCS
VVCCoff
V
VCC
t
t
VO
t
VFBBOff
Max. Ripple < 1%
Blanking Window (tBEB)
Current limit level
during Active Burst
Mode
Leaving
Active Burst
Mode
Entering
Active Burst
Mode
VCC Overvoltage
Auto Restart Mode
VCC Undervoltage
Auto Restart Mode
Overload/Open Loop
Auto Restart Mode
Over temperature
Auto Restart Mode
Output Overvoltage
Latched Off Mode
Short Winding
Latched Off Mode


Similar Part No. - ICE2QS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G Datasheet
1Mb / 24P
   Active burst mode for low standby power
V2.3, 2014-03-06
ICE2QS03G INFINEON-ICE2QS03G Datasheet
2Mb / 16P
   15W 5V charger reference design with 700V CoolMOS P7
Rev. 1.0 2017-03-15
ICE2QS03G INFINEON-ICE2QS03G_14 Datasheet
1Mb / 24P
   Active burst mode for low standby power
V2.3, 2014-03-06
ICE2QS03G INFINEON-ICE2QS03G_16 Datasheet
2Mb / 28P
   45 W adapter demo board
Revision 1.0 2016-06-27
More results

Similar Description - ICE2QS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
   Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
logo
Infineon Technologies A...
ICE2QS02G INFINEON-ICE2QS02G Datasheet
416Kb / 17P
   Quasi-Resonant PWM Controller
Version 2.0, 13 June 2008
logo
Active-Semi, Inc
ACT511 ACTIVE-SEMI-ACT511 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com