Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX209CNG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX209CNG
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX209CNG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX209CNG Datasheet HTML 1Page - Maxim Integrated Products MAX209CNG Datasheet HTML 2Page - Maxim Integrated Products MAX209CNG Datasheet HTML 3Page - Maxim Integrated Products MAX209CNG Datasheet HTML 4Page - Maxim Integrated Products MAX209CNG Datasheet HTML 5Page - Maxim Integrated Products MAX209CNG Datasheet HTML 6Page - Maxim Integrated Products MAX209CNG Datasheet HTML 7Page - Maxim Integrated Products MAX209CNG Datasheet HTML 8Page - Maxim Integrated Products MAX209CNG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
3
ELECTRICAL CHARACTERISTICS (continued)
(MAX202/MAX204/MAX206/MAX208/MAX211/MAX213: VCC = +5V Q10%; MAX200/MAX203/MAX205/MAX207: VCC = +5V Q5%,
C1–C4 = 0.1FF; MAX201/MAX209: VCC = +5V Q10%, V+ = +9.0V to +13.2V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Input Threshold
Low
VCC = +5V,
TA = +25NC
Active mode
0.8
1.2
V
Shutdown mode, MAX213, R4, R5
0.6
1.5
Receiver Input Threshold
High
VCC = +5V,
TA = +25NC
Active mode
1.7
2.4
V
Shutdown mode, MAX213, R4, R5
1.5
2.4
RS-232 Input Hysteresis
VCC = +5V, no hysteresis in shutdown
0.2
0.5
1.0
V
RS-232 Input Resistance
VCC = +5V, TA = +25NC
3
5
7
kI
TTL/CMOS Output-
Voltage Low
IOUT = 3.2mA
MAX201, MAX202, MAX203
0.4
V
IOUT = 1.6mA
All others
TTL/CMOS Output-
Voltage High
IOUT = 1.0mA
3.5
V
TTL/CMOS Output
Leakage Current
EN = VCC, EN = 0V, 0 P ROUT P VCC
0.05
±10
F
A
Output Enable Time
Figure 2
MAX205, MAX206, MAX209, MAX211,
MAX213
600
ns
Output Disable Time
Figure 2
MAX205, MAX206, MAX209, MAX211,
MAX213
200
ns
Receiver Propagation
Delay
SHDN = 0V, R4, R5
MAX213
4
40
F
s
SHDN = VCC
0.5
10
MAX200–MAX211
0.5
10
Transmitter Output
Resistance
VCC = V+ = V- = 0V, VOUT = Q2V
300
I
Transition Region Slew
Rate
CL = 50pF to 2500pF,
RL = 3kI to 7kI,
VCC = 5V, TA = +25NC
measured from +3V to
-3V or -3V to +3V
MAX200, MAX202–MAX211, MAX213
3
5.5
30
V/Fs
MAX201
4
30
RS-232 Output Short-
Circuit Current
Q
10
Q
60
mA
Maximum Data Rate
RL = 3kI to 7kI, CL = 50pF to 1000pF, one transmitter
120
kbps


Similar Part No. - MAX209CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX209CNG MAXIM-MAX209CNG Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX209CNG MAXIM-MAX209CNG Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
More results

Similar Description - MAX209CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200_15 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 8; 1/15
MAX205CPG-G36 MAXIM-MAX205CPG-G36 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
MAX204EWE MAXIM-MAX204EWE Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 7; 12/05
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
logo
Tiger Electronic Co.,Lt...
MAX3232 TGS-MAX3232 Datasheet
362Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
logo
Sipex Corporation
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
logo
Exar Corporation
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com