Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4268 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4268
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4268_07 Datasheet HTML 1Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 2Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 3Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 4Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLE 4268
Data Sheet
3
Rev. 1.5, 2007-03-20
Figure 2
Pin Configuration (top view)
Table 2
Pin Definitions and Functions
Pin
Symbol
Function
1, 2, 8, 13,
19, 20
N.C.
Not connected.
3RO
Reset output; the open collector output is connected to the
5-V output via an integrated resistor of 30 k
Ω.
4 … 7,
14 … 17
GND
Ground
9D
Reset delay; connect a capacitor to ground for delay time
adjustment.
10
RADJ
Reset switching threshold; for setting the switching threshold,
output to ground with voltage divider. If this input is connected
to ground, the reset is triggered at an output voltage of 4.5 V.
11
W
Watchdog input; positive-edge-triggered input for monitoring a
microcontroller.
12
Q
5-V output voltage; block to ground with 22
µF capacitor,
ESR < 3
Ω.
18
I
Input voltage; block to ground directly on the IC with ceramic
capacitor.
AEP01540
GND
Q
Ι
N.C.
N.C.
13
14
10
15
9
16
8
17
N.C.
7
18
6
19
GND
5
20
4
3
2
1
GND
GND
N.C.
D
11
12
RO
GND
GND
RADJ
GND
GND
W
N.C.
N.C.
PG-DSO-20-35


Similar Part No. - TLE4268_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4268G SIEMENS-TLE4268G Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
TLE4268GS SIEMENS-TLE4268GS Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - TLE4268_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4269 INFINEON-TLE4269_07 Datasheet
367Kb / 19P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.4, 2007-03-20
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
TLE4276-2 INFINEON-TLE4276-2 Datasheet
281Kb / 16P
   Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
Rev. 1.1, 2007-09-21
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
   Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com