Electronic Components Datasheet Search |
|
MAX145AEUA Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX145AEUA Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 16 page +2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin µMAX 4 _______________________________________________________________________________________ TIMING CHARACTERISTICS (Figure 7) (VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps), CH-= GND for MAX145, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Wake-Up Time 2.5 µs CS/SHDN Fall to Output Enable tDV CL = 100pF 120 ns CS /SHDN Rise to Output Disable tTR CL = 100pF, Figure 1 120 ns SCLK Fall to Output Data Valid tDO CL = 100pF, Figure 1 20 120 ns External clock 0.1 2.17 SCLK Clock Frequency fSCLK Internal clock, SCLK for data transfer only 0 5 MHz External clock 215 SCLK Pulse Width High tCH Internal clock, SCLK for data transfer only (Note 8) 50 ns External clock 215 SCLK Pulse Width Low tCL Internal clock, SCLK for data transfer only (Note 8) 50 ns SCLK to CS /SHDN Setup tSCLKS 60 ns CS /SHDN Pulse Width tCS 60 ns Note 1: Tested at VDD = +2.7V. Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after full-scale range has been calibrated. Note 3: Offset nulled. Note 4: "On" channel is grounded; sine wave applied to "off" channel (MAX144 only). Note 5: Conversion time is defined as the number of clock cycles times the clock period; clock has 50% duty cycle. Note 6: The common-mode range for the analog inputs is from GND to VDD (MAX145 only). Note 7: ADC performance is limited by the converter’s noise floor, typically 300µVp-p. Note 8: Guaranteed by design. Not subject to production testing. Note 9: Measured as VFS(2.7V) -VFS(5.25V). |
Similar Part No. - MAX145AEUA |
|
Similar Description - MAX145AEUA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |