Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX145BCUA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX145BCUA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX145BCUA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX145BCUA Datasheet HTML 2Page - Maxim Integrated Products MAX145BCUA Datasheet HTML 3Page - Maxim Integrated Products MAX145BCUA Datasheet HTML 4Page - Maxim Integrated Products MAX145BCUA Datasheet HTML 5Page - Maxim Integrated Products MAX145BCUA Datasheet HTML 6Page - Maxim Integrated Products MAX145BCUA Datasheet HTML 7Page - Maxim Integrated Products MAX145BCUA Datasheet HTML 8Page - Maxim Integrated Products MAX145BCUA Datasheet HTML 9Page - Maxim Integrated Products MAX145BCUA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +3.0V, VREF = 2.5V, 0.1µF at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps), CH- = GND for MAX145, TA = +25°C,
unless otherwise noted.)
Pin Description
External Reference Voltage Input. Sets the analog voltage range. Bypass with a 100nF capacitor close to
the device.
REF
5
Active-Low Chip-Select Input/Active-High Shutdown Input. Pulling CS/SHDN high puts the device into
shutdown with a maximum current of 5µA.
CS/SHDN
6
Serial Data Output. Data changes state at SCLK’s falling edge. High impedance when CS/SHDN
is high.
DOUT
7
Serial Clock Input. DOUT changes on the falling edge of SCLK.
SCLK
8
Analog and Digital Ground
GND
4
Analog Input: MAX144 = single-ended (CH1); MAX145 = differential (CH-)
CH1 (CH-)
3
PIN
Analog Input: MAX144 = single-ended (CH0); MAX145 = differential (CH+)
CH0 (CH+)
2
Positive Supply Voltage, +2.7V to +5.25V
VDD
1
FUNCTION
NAME
-0.20
-0.10
-0.15
0
-0.05
0.05
0.10
0.15
0.20
0
1024
2048
3072
4096
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
0
0.1
0.2
0.3
0.4
0.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
VDD (V)
0
0.1
0.2
0.3
0.4
0.5
INTEGRAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (°C)
-60
-10
15
-35
40
65
90
115 140
-140
-100
-120
-60
-80
-40
-20
0
20
027
54
FFT PLOT
FREQUENCY (kHz)
VDD = +2.7V
fIN = 10kHz
fSAMPLE = 108ksps
12.0
11.0
1
10
100
EFFECTIVE NUMBER OF BITS
vs. FREQUENCY
11.2
FREQUENCY (kHz)
11.4
11.6
11.8
VDD = +2.7V


Similar Part No. - MAX145BCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX145BCUA MAXIM-MAX145BCUA Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
More results

Similar Description - MAX145BCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com