Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKW20N60HS Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SKW20N60HS
Description  High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW20N60HS Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SKW20N60HS Datasheet HTML 6Page - Infineon Technologies AG SKW20N60HS Datasheet HTML 7Page - Infineon Technologies AG SKW20N60HS Datasheet HTML 8Page - Infineon Technologies AG SKW20N60HS Datasheet HTML 9Page - Infineon Technologies AG SKW20N60HS Datasheet HTML 10Page - Infineon Technologies AG SKW20N60HS Datasheet HTML 11Page - Infineon Technologies AG SKW20N60HS Datasheet HTML 12Page - Infineon Technologies AG SKW20N60HS Datasheet HTML 13Page - Infineon Technologies AG SKW20N60HS Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SKW20N60HS
Power Semiconductors
11
Rev. 2.3
Sep 08
0,0V
0,5V
1,0V
1,5V
0A
10A
20A
30A
150°C
25°C
T
J=-55°C
-50°C
0°C
50°C
100°C
150°C
1,2V
1,4V
1,6V
1,8V
2,0V
I
F=40A
I
F=20A
I
F=10A
VF, FORWARD VOLTAGE
TJ, JUNCTION TEMPERATURE
Figure 25. Typical diode forward current as
a function of forward voltage
Figure 26. Typical diode forward voltage as a
function of junction temperature
1µs
10µs
100µs
1m s
10m s 100m s
10
-2K/W
10
-1K/W
10
0K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
tP, PULSE WIDTH
Figure 27. Diode transient thermal
impedance as a function of pulse
width
(D=tP/T)
C 1=
τ1/R1
R 1
R 2
C 2=
τ2/R2
R
,(K/W)
τ , (s )
0.311
7.83*10
-2
0.271
1.21*10
-2
0.221
1.36*10
-3
0.584
1.53*10
-4
0.314
2.50*10
-5


Similar Part No. - SKW20N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results

Similar Description - SKW20N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB06N60HS INFINEON-SKB06N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Oct.07
SGP20N60HS INFINEON-SGP20N60HS_09 Datasheet
388Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.5 Nov 09
SKB15N60HS INFINEON-SKB15N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.3 Oct. 07
SGP30N60HS INFINEON-SGP30N60HS_09 Datasheet
389Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGW50N60HS INFINEON-SGW50N60HS_09 Datasheet
355Kb / 11P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Nov 09
SKW30N60HS INFINEON-SKW30N60HS_08 Datasheet
353Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
   Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com