Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMA180402M Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTMA180402M
Description  Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA180402M Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTMA180402M Datasheet HTML 6Page - Infineon Technologies AG PTMA180402M Datasheet HTML 7Page - Infineon Technologies AG PTMA180402M Datasheet HTML 8Page - Infineon Technologies AG PTMA180402M Datasheet HTML 9Page - Infineon Technologies AG PTMA180402M Datasheet HTML 10Page - Infineon Technologies AG PTMA180402M Datasheet HTML 11Page - Infineon Technologies AG PTMA180402M Datasheet HTML 12Page - Infineon Technologies AG PTMA180402M Datasheet HTML 13Page - Infineon Technologies AG PTMA180402M Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
10 of 14
Rev. 07.1, 2011-03-17
PTMA180402M
Confidential, Limited Internal Distribution
Reference Circuit, tuned for 1960 MHz
Reference circuit schematic for ƒ = 1960 MHz
Circuit Assembly Information
DUT
PTMA180402M
LDMOS IC
PCB
LTN/PTMA180402M
Rogers RO4350: 0.76 mm [.030"] thick,
er = 3.48, 1 oz. copper
Microstrip
Electrical Characteristics
Dimensions: L x W (mm)
Dimensions: L x W (in.)
at 1960 MHz
l
1
0.300 λ,50.0 W
27.76 x 1.70
1.093 x 0.067
l
2
0.024 λ,10.4 W
2.01 x 13.00
0.079 x 0.512
l
3
0.024 λ,10.4 W
2.06 x 13.00
0.081 x 0.512
l
4
0.037 λ,34.2 W
3.35 x 3.00
0.132 x 0.118
l
5
0.046 λ,34.2 W
4.11 x 3.00
0.162 x 0.118
l
6
0.097 λ,34.2 W
8.76 x 3.00
0.345 x 0.118
l
7
0.127 λ,43.6 W
11.63 x 2.11
0.458 x 0.083
l
8
0.054 λ,50.0 W
5.03 x 1.70
0.198 x 0.067
l
9, l10
0.125 λ,47.8 W
11.56 x 1.83
0.455 x 0.072
C7
1µF
C9
12pF
C8
0.1µF
C6
10µF
C13
12pF
G2
V
C11
1µF
C10
10µF
C12
0.1µF
C16
1µF
C14
12pF
C15
0.1µF
C18
100µF
50V
C17
10µF
D1
V
VD1
G1
V
J1
C1
100µF
50V
C2
10µF
C3
1µF
DUT
PTMA180402M
3
1
7
9
10
8
5
6
4
C4
0.1µF
C5
12pF
1
2
C29
1.8pF
18
14
13
12
11
17
16
15
C30
1.8pF
2
3
20
19
C27
10µF
C25
0.1µF
C24
12pF
10
C26
1µF
C28
100µF
50V
VD2
C33
12pF
5
C31
2.7pF
4
7
9
C19
12pF
C20
0.1µF
C21
1µF
8
J2
C23
100µF
50V
C22
10µF
R1
0
O
R2
0
O
R4
R3
Q2
Q1
6
C32
1pF
M A 1 8 0 4 0 2 m _ 1 9 6 0
M H z _ B D _ 9 - 2 - 0 9
RF_IN
RF_OUT


Similar Part No. - PTMA180402M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
logo
Infineon Technologies A...
PTMA180402M INFINEON-PTMA180402M_11 Datasheet
494Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifi er 40 W, 28 V, 1800 . 2100 MHz
Rev. 08, 2011-08-10
More results

Similar Description - PTMA180402M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
logo
Infineon Technologies A...
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMA180402M INFINEON-PTMA180402M_11 Datasheet
494Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifi er 40 W, 28 V, 1800 . 2100 MHz
Rev. 08, 2011-08-10
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
logo
Cree, Inc
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
logo
Infineon Technologies A...
PTMA080302M INFINEON-PTMA080302M Datasheet
204Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M Datasheet
197Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA210452EL INFINEON-PTMA210452EL Datasheet
387Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com