Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP10N60A Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SGP10N60A
Description  Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGP10N60A Datasheet(HTML) 4 Page - Infineon Technologies AG

  SGP10N60A_09 Datasheet HTML 1Page - Infineon Technologies AG SGP10N60A_09 Datasheet HTML 2Page - Infineon Technologies AG SGP10N60A_09 Datasheet HTML 3Page - Infineon Technologies AG SGP10N60A_09 Datasheet HTML 4Page - Infineon Technologies AG SGP10N60A_09 Datasheet HTML 5Page - Infineon Technologies AG SGP10N60A_09 Datasheet HTML 6Page - Infineon Technologies AG SGP10N60A_09 Datasheet HTML 7Page - Infineon Technologies AG SGP10N60A_09 Datasheet HTML 8Page - Infineon Technologies AG SGP10N60A_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SGP10N60A
SGW10N60A
4
Rev. 2.5
Nov 09
10Hz 100Hz 1kHz 10kHz 100kHz
0A
10A
20A
30A
40A
50A
T
C=110°c
T
C=80°c
1V
10V
100V
1000V
0,1A
1A
10A
15µs
DC
1m s
200µs
50µs
t
p=5 µs
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj ≤ 150°C, D = 0.5, VCE = 400V,
VGE = 0/+15V, RG = 25Ω)
Figure 2. Safe operating area
(D = 0, TC = 25°C, Tj ≤ 150°C)
25°C
50°C
75°C
100°C
125°C
0W
20W
40W
60W
80W
100W
120W
25 °C
50 °C
75 °C
1 00 °C
1 25 °C
0A
5A
10A
15A
20A
25A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function
of case temperature
(Tj ≤ 150°C)
Figure 4. Collector current as a function of
case temperature
(VGE ≤ 15V, Tj ≤ 150°C)
Ic
Ic


Similar Part No. - SGP10N60A_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
More results

Similar Description - SGP10N60A_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB02N60 INFINEON-SGB02N60_06 Datasheet
798Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB20N60 INFINEON-SGB20N60_06 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGB30N60 INFINEON-SGB30N60_09 Datasheet
382Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 05.03.2009
SGP20N60 INFINEON-SGP20N60_09 Datasheet
364Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com