Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP03N60S5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP03N60S5
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP03N60S5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPP03N60S5_09 Datasheet HTML 2Page - Infineon Technologies AG SPP03N60S5_09 Datasheet HTML 3Page - Infineon Technologies AG SPP03N60S5_09 Datasheet HTML 4Page - Infineon Technologies AG SPP03N60S5_09 Datasheet HTML 5Page - Infineon Technologies AG SPP03N60S5_09 Datasheet HTML 6Page - Infineon Technologies AG SPP03N60S5_09 Datasheet HTML 7Page - Infineon Technologies AG SPP03N60S5_09 Datasheet HTML 8Page - Infineon Technologies AG SPP03N60S5_09 Datasheet HTML 9Page - Infineon Technologies AG SPP03N60S5_09 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
200
9-11-26
Rev. 2.
7
Page 7
SPP03N60S5
9 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
0.5
1
1.5
2
2.5
A
3.5
Tj(START)=25°C
Tj(START)=125°C
10 Avalanche energy
EAS = f (Tj)
par.: ID = 2.4 A, VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
20
40
60
80
mJ
120
11 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
540
560
580
600
620
640
660
680
V
720
SPP03N60S5
12 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
10
20
30
40
50
60
70
80
V
100
VDS
0
10
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss


Similar Part No. - SPP03N60S5_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP03N60S5 INFINEON-SPP03N60S5_03 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2003-10-06
More results

Similar Description - SPP03N60S5_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com