Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGW20N60 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SGW20N60
Description  Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGW20N60 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SGW20N60 Datasheet HTML 2Page - Infineon Technologies AG SGW20N60 Datasheet HTML 3Page - Infineon Technologies AG SGW20N60 Datasheet HTML 4Page - Infineon Technologies AG SGW20N60 Datasheet HTML 5Page - Infineon Technologies AG SGW20N60 Datasheet HTML 6Page - Infineon Technologies AG SGW20N60 Datasheet HTML 7Page - Infineon Technologies AG SGW20N60 Datasheet HTML 8Page - Infineon Technologies AG SGW20N60 Datasheet HTML 9Page - Infineon Technologies AG SGW20N60 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SGP20N60
SGW20N60
6
Rev. 2.4
Nov 09
10A
20A
30A
40A
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
0
10
20
30
40
50
60
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 9. Typical switching times as a
function of collector current
(inductive load, Tj = 150°C, VCE = 400V,
VGE = 0/+15V, RG = 16Ω,
Dynamic test circuit in Figure E)
Figure 10. Typical switching times as a
function of gate resistor
(inductive load, Tj = 150°C, VCE = 400V,
VGE = 0/+15V, IC = 20A,
Dynamic test circuit in Figure E)
0°C
50°C
100°C
150°C
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
-50°C
0°C
50°C
100°C
150°C
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
typ.
min.
max.
Tj, JUNCTION TEMPERATURE
Tj, JUNCTION TEMPERATURE
Figure 11. Typical switching times as a
function of junction temperature
(inductive load, VCE = 400V, VGE = 0/+15V,
IC = 20A, RG = 16Ω,
Dynamic test circuit in Figure E)
Figure 12. Gate-emitter threshold voltage
as a function of junction temperature
(IC = 0.7mA)


Similar Part No. - SGW20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGW20N60 FAIRCHILD-SGW20N60 Datasheet
538Kb / 7P
   Short Circuit Rated IGBT
logo
Infineon Technologies A...
SGW20N60 INFINEON-SGW20N60 Datasheet
275Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
SGW20N60HS INFINEON-SGW20N60HS Datasheet
388Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.5 Nov 09
SGW20N60HS INFINEON-SGW20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
logo
Fairchild Semiconductor
SGW20N60RUF FAIRCHILD-SGW20N60RUF Datasheet
538Kb / 7P
   Short Circuit Rated IGBT
More results

Similar Description - SGW20N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB02N60 INFINEON-SGB02N60_06 Datasheet
798Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB20N60 INFINEON-SGB20N60_06 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGB30N60 INFINEON-SGB30N60_09 Datasheet
382Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 05.03.2009
SGP10N60A INFINEON-SGP10N60A_09 Datasheet
353Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com